Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH331 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH331
Description  SMT Multi TOPLED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH331 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH331 Datasheet HTML 1Page - OSRAM GmbH SFH331 Datasheet HTML 2Page - OSRAM GmbH SFH331 Datasheet HTML 3Page - OSRAM GmbH SFH331 Datasheet HTML 4Page - OSRAM GmbH SFH331 Datasheet HTML 5Page - OSRAM GmbH SFH331 Datasheet HTML 6Page - OSRAM GmbH SFH331 Datasheet HTML 7Page - OSRAM GmbH SFH331 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2001-02-22
2
SFH 331
Note: Die angegebenen Grenzdaten gelten für den Chip, für den sie angegeben sind, unabhängig vom
Betriebszustand des anderen.
The stated max. ratings refer to the specified chip regardless of the operating status of the other
one.
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
LED
Transistor
Betriebstemperatur
Operating temperature range
T
op
– 40
… + 100 – 40 … + 100 °C
Lagertemperatur
Storage temperature range
T
stg
– 40
… + 100 – 40 … + 100 °C
Sperrschichttemperatur
Junction temperature
T
j
+ 100
+ 100
°C
Durchlaßstrom (LED)
Forward current (LED)
I
F
30
–
mA
Kollektorstrom (Transistor)
Collector current (Transistor)
I
C
–
15
mA
Stoßstrom
Surge current
t
≤ 10 µs, D = 0.005
I
FM
500
75
mA
Sperrspannung (LED)
Reverse voltage (LED)
V
R
5
–
V
Kollektor-Emitter Spannung (Transistor)
Collector-emitter voltage (Transistor)
V
CE
–
35
V
Verlustleistung
Power dissipation
P
tot
100
165
mW
Wärmewiderstand Sperrschicht/Umgebung
Thermal resistance junction/ambient
Montage auf PC-Board
1)
(Padgröße
≥ 16 mm2)
mounting on pcb
1) (pad size
≥ 16 mm2)
Sperrschicht / Lötstelle
junction / soldering joint
R
thJA
R
thJS
450
350
450
–
K/W
K/W
1)
PC-board: G30/FR4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com