Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH331 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH331
Description  SMT Multi TOPLED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH331 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH331 Datasheet HTML 1Page - OSRAM GmbH SFH331 Datasheet HTML 2Page - OSRAM GmbH SFH331 Datasheet HTML 3Page - OSRAM GmbH SFH331 Datasheet HTML 4Page - OSRAM GmbH SFH331 Datasheet HTML 5Page - OSRAM GmbH SFH331 Datasheet HTML 6Page - OSRAM GmbH SFH331 Datasheet HTML 7Page - OSRAM GmbH SFH331 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SFH 331
2001-02-22
3
Kennwerte LED (
T
A = 25 °C)
Characteristics LED
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Wellenlänge des emittierten Lichtes
(typ.)
Wavelength at peak emission
(typ.)
I
F = 10 mA
λ
peak
635
nm
Dominantwellenlänge
(typ.)
Dominant wavelength
(typ.)
I
F = 10 mA
λ
dom
628
nm
Spektrale Bandbreite bei 50% von I
rel max
(typ.)
Spectral bandwidth at 50% of I
rel max
(typ.)
I
F = 10 mA
∆λ
45
nm
Abstrahlwinkel bei 50% von I
V (Vollwinkel)
Viewing angle at 50% of I
V
2
ϕ
120
Grad
deg.
Durchlaßspannung
(typ.)
Forward voltage
(max.)
I
F = 10 mA
V
F
V
F
2.0
2.6
V
V
Sperrstrom
(typ.)
Reverse current
(max)
V
R = 5 V
I
R
I
R
0.01
10
µA
µA
Kapazität,
(typ.)
Capacitance
V
R = 0 V, f = 1 MHz
C
o
12
pF
Schaltzeiten:
Switching times:
I
V from 10% to 90%
(typ.)
IV from 90% to 10%
(typ.)
I
F = 100 mA, tp = 10 µs, RL = 50 Ω
t
r
t
f
300
150
ns
ns
Lichtstärke (Gruppe JK)
(typ.)
Luminous intensity (group JK)
I
F = 10 mA
IV
6 (4.0
… 12.5) mcd



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com