Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS292 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74LS292
Description  SN74LS29x Programmable Frequency Dividers and Digital Timers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LS292 Datasheet(HTML) 5 Page - Texas Instruments

  SN74LS292 Datasheet HTML 1Page - Texas Instruments SN74LS292 Datasheet HTML 2Page - Texas Instruments SN74LS292 Datasheet HTML 3Page - Texas Instruments SN74LS292 Datasheet HTML 4Page - Texas Instruments SN74LS292 Datasheet HTML 5Page - Texas Instruments SN74LS292 Datasheet HTML 6Page - Texas Instruments SN74LS292 Datasheet HTML 7Page - Texas Instruments SN74LS292 Datasheet HTML 8Page - Texas Instruments SN74LS292 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
From Output
Under Test
C = 45 pF
L
R = 667
L
W
VCC
SN74LS292, SN74LS294
www.ti.com
SDLS153A – JANUARY 1981 – REVISED JANUARY 2016
6.3 Thermal Information
SN74LS292
THERMAL METRIC(1)
N (PDIP)
UNIT
16 PINS
RθJA
Junction-to-ambient thermal resistance
36.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
22.2
°C/W
RθJB
Junction-to-board thermal resistance
17.0
°C/W
ψJT
Junction-to-top characterization parameter
7.0
°C/W
ψJB
Junction-to-board characterization parameter
16.8
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP(2)
MAX
UNIT
VIK
VCC = MIN, II = –18 mA
–1.5
V
VOH
Q
VCC = MIN, VIH = 2 V, IOH = –1.2 mA, VIL = MAX
2.4
3.4
V
IOL = 12 mA
0.25
0.4
Q
VOL
VCC = MIN, VIH = 2 V, VIL = MAX
IOL = 24 mA
0.35
0.5
V
TP(3)
IOL = 0.5 mA
0.25
0.4
II
VCC = MAX, VI = 7 V
0.1
mA
IIH
VCC = MAX, VI = 2.7 V
20
mA
CLK1, CLK2
VCC = MAX, VI = 0.4 V
–0.8
IIL
mA
All others
VCC = MAX, VI = 0.4 V
–0.4
IOS
(4)
Q
VCC = MAX
–30
–130
mA
SN74LS292
VCC = MAX, all inputs grounded, all outputs open
40
75
ICC
mA
SN74LS294
VCC = MAX, all inputs grounded, all outputs open
30
50
(1)
For conditions shown as MIN or MAX, use the appropriate value specified under Recommended Operating Conditions.
(2)
All typical values are at VCC = 5 V, TA = 25°C.
(3)
The TP output or outputs are not intended to drive external loads, but are solely provided for test points.
(4)
The duration of the short-circuit should not exceed one second.
6.5 Switching Characteristics
VCC = 5 V, TA = 25°C, RL = 667 Ω, CL = 45 pF (see Figure 1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fmax
From CLK1 or 2
30
50
MHz
From CLK1 or 2, to Q; Modulo set at 22, A through # = LLLHL
tPLH
55
90
ns
(xxxxLS292), A through D = LLHL (xxxxLS294)
From CLK1 or 2, to Q; Modulo set at 22, A through # = LLLHL
80
120
(xxxxLS292), A through D = LLHL (xxxxLS294)
tPHL
ns
SN74LS292
85
130
From CLR, to Q
SN74LS294
35
65
Figure 1. Switching Loads
Copyright © 1981–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74LS292 SN74LS294



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com