Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS292 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LS292
Description  SN74LS29x Programmable Frequency Dividers and Digital Timers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LS292 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LS292 Datasheet HTML 2Page - Texas Instruments SN74LS292 Datasheet HTML 3Page - Texas Instruments SN74LS292 Datasheet HTML 4Page - Texas Instruments SN74LS292 Datasheet HTML 5Page - Texas Instruments SN74LS292 Datasheet HTML 6Page - Texas Instruments SN74LS292 Datasheet HTML 7Page - Texas Instruments SN74LS292 Datasheet HTML 8Page - Texas Instruments SN74LS292 Datasheet HTML 9Page - Texas Instruments SN74LS292 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
I OL (mA)
VOL
(typ) V
0
3
6
9
12
15
18
21
24
27
0.1
0.2
0.3
0.4
0.5
VCC
@4.75V
3
6
9
12
15
18
21
24
27
30
0.6
CLK2
Q 3
2
Q 2
2
CLK1
CLR
SN74LS292, SN74LS294
SDLS153A – JANUARY 1981 – REVISED JANUARY 2016
www.ti.com
Figure 2. Timing Diagram
6.6 Typical Characteristics
Figure 3. VOL vs IOL
6
Submit Documentation Feedback
Copyright © 1981–2016, Texas Instruments Incorporated
Product Folder Links: SN74LS292 SN74LS294



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com