Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS292 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LS292
Description  SN74LS29x Programmable Frequency Dividers and Digital Timers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LS292 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LS292 Datasheet HTML 1Page - Texas Instruments SN74LS292 Datasheet HTML 2Page - Texas Instruments SN74LS292 Datasheet HTML 3Page - Texas Instruments SN74LS292 Datasheet HTML 4Page - Texas Instruments SN74LS292 Datasheet HTML 5Page - Texas Instruments SN74LS292 Datasheet HTML 6Page - Texas Instruments SN74LS292 Datasheet HTML 7Page - Texas Instruments SN74LS292 Datasheet HTML 8Page - Texas Instruments SN74LS292 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
'LS292
1
4
CLK1
5
CLK2
n = 0
n = 1
fi
11
CLR
3
TP1
6
TP2
13
TP3
7
Q
10
A
i
n
f
2
é
ù
ê
ú
ë
û
1
B
15
C
14
D
2
E
0
4
0
n
31
é ù
ë û
R
i
o
n
f
f
2
é
ù
ê
ú
ë
û
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74LS292, SN74LS294
SDLS153A – JANUARY 1981 – REVISED JANUARY 2016
SN74LS29x Programmable Frequency Dividers and Digital Timers
1 Features
3 Description
The
SN74LS29x
devices
are
programmable
1
•
Count Divider Chain
frequency dividers and digital timers contain 31 flip-
•
Digitally Programmable from 22 to 2n
flops plus 30 gates (in SN74LS292) or 15 flip-flops
(n = 31 for SN74LS292 , n = 15 for SN74LS294)
plus 29 gates (in SN74LS294) on a single chip. The
•
Useable Frequency Range from DC to 30 MHz
count modulo is under digital control of the inputs
provided.
•
Easily Expandable
Both types feature an active-low CLR clear input to
2 Applications
initialize the state of all flip-flops. To facilitate the
incoming inspection, test points are provided (TP1,
•
Frequency Division
TP2, and TP3 on the SN74LS292, and TP on the
•
Digital Timing
SN74LS294). These test points are not intended to
drive system loads. Both types feature two clock
inputs; either one may be used for clock gating (see
Table 1).
A brief look at the digital timing capabilities of the
SN74LS292
shows
that
with
a
1-MHz
input
frequency, programming for 210 gives a period of
1.024 ms, 220 gives a period of 1.05 sec, 226 gives a
period of 1.12 min, and 231 gives a period of 35.79
min.
These devices are easily cascadable, giving limitless
possibilities to achievable timing delays.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74LS292N
PDIP (16)
6.35 mm × 19.30 mm
SN74LS294N
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Logic Symbols
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LS292

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS292 TI-SN74LS292 Datasheet
296Kb / 8P
PROGRAMMABLE FREQUENCY DIVIDERS/DIGITAL TIMERS
SN74LS292 TI-SN74LS292 Datasheet
509Kb / 16P
PROGRAMMABLE FREQUENCY DIVIDERS/DIGITAL TIMERS
SN74LS292N TI-SN74LS292N Datasheet
296Kb / 8P
PROGRAMMABLE FREQUENCY DIVIDERS/DIGITAL TIMERS
SN74LS292N TI-SN74LS292N Datasheet
509Kb / 16P
PROGRAMMABLE FREQUENCY DIVIDERS/DIGITAL TIMERS
SN74LS292N TI1-SN74LS292N Datasheet
341Kb / 19P
Programmable Frequency Dividers
More results

Similar Description - SN74LS292

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS292 TI-SN54LS292 Datasheet
296Kb / 8P
PROGRAMMABLE FREQUENCY DIVIDERS/DIGITAL TIMERS
logo
Hitachi Semiconductor
HD74HC292 HITACHI-HD74HC292 Datasheet
68Kb / 12P
Programmable Frequency Divider/Digital Timer
logo
Intersil Corporation
HIP9020 INTERSIL-HIP9020 Datasheet
23Kb / 4P
Programmable Quad Buffer with Pre and Post Scaler Dividers
1993 10
logo
LSI Computer Systems
RED LSI-RED Datasheet
35Kb / 2P
AC LINE FREQUENCY DIVIDERS
logo
Texas Instruments
74LS56P TI-74LS56P Datasheet
300Kb / 5P
FREQUENCY DIVIDERS
logo
List of Unclassifed Man...
DHA52CM24S16 ETC2-DHA52CM24S16 Datasheet
78Kb / 3P
Timers Fully programmable
logo
Texas Instruments
SN54LS56 TI-SN54LS56 Datasheet
265Kb / 10P
FREQUENCY DIVIDERS
SN54LS292 TI-SN54LS292_08 Datasheet
509Kb / 16P
PROGRAMMABLE FREQUENCY DIVIDERS/DIGITAL TIMERS
logo
Renesas Technology Corp
HD74HC292 RENESAS-HD74HC292 Datasheet
123Kb / 10P
Programmable Frequency Divider/Digital Timer
logo
Texas Instruments
SN74LS292 TI1-SN74LS292_16 Datasheet
341Kb / 19P
Programmable Frequency Dividers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com