Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR435 Datasheet(PDF) 1 Page - Analog Devices

Part # ADR435
Description  Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DACs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR435 Datasheet(HTML) 1 Page - Analog Devices

  ADR435 Datasheet HTML 1Page - Analog Devices ADR435 Datasheet HTML 2Page - Analog Devices ADR435 Datasheet HTML 3Page - Analog Devices ADR435 Datasheet HTML 4Page - Analog Devices ADR435 Datasheet HTML 5Page - Analog Devices ADR435 Datasheet HTML 6Page - Analog Devices ADR435 Datasheet HTML 7Page - Analog Devices ADR435 Datasheet HTML 8Page - Analog Devices ADR435 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Complete Dual, 16-Bit, High Accuracy,
Serial Input, Bipolar Voltage Output DACs
Preliminary Technical Data
AD5762R
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Complete dual, 16-bit digital-to-analog
converters (DACs)
Programmable output range: ±10 V, ±10.2564 V,
or ±10.5263 V
±1 LSB max INL error, ±1 LSB max DNL error
Low noise: 60 nV/√Hz
Settling time: 10 µs max
Integrated reference buffers
Internal reference: 10 ppm/°C
On-chip die temperature sensor
Output control during power-up/brownout
Programmable short-circuit protection
Simultaneous updating via LDAC
Asynchronous CLR to zero code
Digital offset and gain adjust
Logic output control pins
DSP-/microcontroller-compatible serial interface
Temperature range: −40°C to +85°C
iCMOS™ process technology1
APPLICATIONS
Industrial automation
Open-/closed-loop servo control
Process control
Data acquisition systems
Automatic test equipment
Automotive test and measurement
High accuracy instrumentation
GENERAL DESCRIPTION
The AD5762R is a dual, 16-bit, serial input, bipolar voltage
output digital-to-analog converter that operates from supply
voltages of ±11.4 V up to ±16.5 V. Nominal full-scale output
range is ±10 V. The AD5762R provides integrated output
amplifiers, reference buffers and proprietary power-up/power-
down control circuitry. The parts also feature a digital I/O port,
which is programmed via the serial interface and an analog
temperature sensor. The part incorporates digital offset and
gain adjust registers per channel.
The AD5762R is a high performance converter that offers
guaranteed monotonicity, integral nonlinearity (INL) of ±1 LSB,
low noise, and 10 µs settling time. The AD5762R includes an
on-chip 5 V reference with a reference tempco of 10 ppm/°C
maximum. During power-up (when the supply voltages are
changing), VOUT is clamped to 0 V via a low impedance path.
The AD5762R uses a serial interface that operates at clock rates
of up to 30 MHz and is compatible with DSP and
microcontroller interface standards. Double buffering allows
the simultaneous updating of all DACs. The input coding is
programmable to either twos complement or offset binary
formats. The asynchronous clear function clears all DAC
registers to either bipolar zero or zero scale depending on the
coding used. The AD5762R is ideal for both closed-loop servo
control and open-loop control applications. The AD5762R is
available in a 32-lead TQFP, and offers guaranteed
specifications over the −40°C to +85°C industrial temperature
range. See Figure 1, the functional block diagram.
1 For analog systems designers within industrial/instrumentation equipment
OEMs who need high performance ICs at higher voltage levels, iCMOS is a
technology platform that enables the development of analog ICs capable of
30 V and operating at ±15 V supplies while allowing dramatic reductions in
power consumption and package size, and increased AC and DC
performance.


Similar Part No. - ADR435

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR435 AD-ADR435 Datasheet
868Kb / 24P
Ultralow Noise XFET Voltage References with Current Sink and Source Capability
9/04-Data Sheet Changed from Rev. A to Rev. B
ADR435 AD-ADR435 Datasheet
1Mb / 24P
Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR435 AD-ADR435 Datasheet
1Mb / 48P
Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
ADR435 AD-ADR435 Datasheet
1Mb / 44P
Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
ADR435 AD-ADR435 Datasheet
993Kb / 32P
Ultralow Noise, High Accuracy
REV. 0
More results

Similar Description - ADR435

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5764 AD-AD5764 Datasheet
266Kb / 27P
Complete, Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
21-Oct-2004
AD5764R AD-AD5764R Datasheet
1Mb / 32P
Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5722 AD-AD5722 Datasheet
1,010Kb / 32P
Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. 0
AD5762R AD-AD5762R_08 Datasheet
709Kb / 32P
Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. 0
AD5763 AD-AD5763 Datasheet
300Kb / 31P
Complete Dual, 16-Bit, High Accuracy, Serial Input, 짹5V DACs
Rev. PrA
AD5764R AD-AD5764R_08 Datasheet
768Kb / 32P
Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. 0
AD5764CSUZ AD-AD5764CSUZ Datasheet
529Kb / 28P
Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5764ASUZ AD-AD5764ASUZ Datasheet
529Kb / 28P
Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5764R AD-AD5764R_15 Datasheet
558Kb / 32P
Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. D
AD5762R AD-AD5762R_16 Datasheet
704Kb / 32P
Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
6/2016-Rev. C to Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com