Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR435 Datasheet(PDF) 24 Page - Analog Devices

Part # ADR435
Description  Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DACs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR435 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADR435 Datasheet HTML 20Page - Analog Devices ADR435 Datasheet HTML 21Page - Analog Devices ADR435 Datasheet HTML 22Page - Analog Devices ADR435 Datasheet HTML 23Page - Analog Devices ADR435 Datasheet HTML 24Page - Analog Devices ADR435 Datasheet HTML 25Page - Analog Devices ADR435 Datasheet HTML 26Page - Analog Devices ADR435 Datasheet HTML 27Page - Analog Devices ADR435 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
AD5762R
Preliminary Technical Data
Rev. PrA | Page 24 of 33
Table 7. AD5762R Input Register Format
MSB
LSB
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
R/W
0
REG2
REG1
REG0
A2
A1
A0
DATA
Table 8. Input Register Bit Functions
Register
Function
R/W
Indicates a read from or a write to the addressed register.
REG2, REG1, REG0
Used in association with the address bits to determine if a read or write operation is to the data register, offset
register, gain register, or function register.
REG2
REG1
REG0
Function
0
0
0
Function Register
0
1
0
Data Register
0
1
1
Coarse Gain Register
1
0
0
Fine Gain Register
1
0
1
Offset Register
A2, A1, A0
These bits are used to decode the DAC channels.
A2
A1
A0
Channel Address
0
0
0
DAC A
0
0
1
DAC B
1
0
0
BOTH DACs
D15:D0
Data Bits.
FUNCTION REGISTER
The function register is addressed by setting the three REG bits to 000. The values written to the address bits and the data bits determine
the function addressed. The functions available via the function register are outlined in Table 9 and Table 10.
Table 9. Function Register Options
REG2
REG1
REG0
A2
A1
A0
DB15:DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
0
NOP, Data = Don’t Care
0
0
0
0
0
1
Don’t Care
Local-
Ground-
Offset Adjust
D1 Direction
D1
Value
D0
Direction
D0
Value
SDO
Disable
0
0
0
1
0
0
CLR, Data = Don’t Care
0
0
0
1
0
1
LOAD, Data = Don’t Care
Table 10. Explanation of Function Register Options
Option
Description
NOP
No operation instruction used in readback operations.
Local-Ground-
Offset Adjust
Set by the user to enable local-ground-offset adjust function. Cleared by the user to disable local-ground-offset adjust
function (default). Refer to Features section for further details.
D0/D1
Direction
Set by the user to enable D0/D1 as outputs. Cleared by the user to enable D0/D1 as inputs (default). Refer to the Features
section for further details.
D0/D1 Value
I/O Port Status Bits. Logic values written to these locations determine the logic outputs on the D0 and D1 pins when
configured as outputs. These bits indicate the status of the D0 and D1 pins when the I/O port is active as an input. When
enabled as inputs, these bits are don’t cares during a write operation.
SDO Disable
Set by the user to disable the SDO output. Cleared by the user to enable the SDO output (default).
CLR
Addressing this function resets the DAC outputs to 0 V in twos complement mode and negative full scale in binary mode.
LOAD
Addressing this function updates the DAC registers and consequently the analog outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com