Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR435 Datasheet(PDF) 19 Page - Analog Devices

Part # ADR435
Description  Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DACs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR435 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADR435 Datasheet HTML 15Page - Analog Devices ADR435 Datasheet HTML 16Page - Analog Devices ADR435 Datasheet HTML 17Page - Analog Devices ADR435 Datasheet HTML 18Page - Analog Devices ADR435 Datasheet HTML 19Page - Analog Devices ADR435 Datasheet HTML 20Page - Analog Devices ADR435 Datasheet HTML 21Page - Analog Devices ADR435 Datasheet HTML 22Page - Analog Devices ADR435 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
Preliminary Technical Data
AD5762R
Rev. PrA | Page 19 of 33
10
9
8
7
6
5
4
3
2
1
0
0
120
100
80
60
40
20
RISCC (kΩ)
VDD/VSS = ±15V
TA = 25°C
REFIN = 5V
Figure 31. Short-Circuit Current vs. RISCC
CH1 10.0V BW
CH3 5.00V BW
T 29.60%
CH2 10.0V
M400µs A CH1
7.80mV
1
2
3
VDD/VSS = ±12V
TA = 25°C
T
Figure 32. REFOUT Turn-On Transient
CH1 50.0µV
M1.00s
A CH1
15µV
1
VDD/VSS = ±12V
TA = 25°C,
10µF CAPACITOR ON REFOUT
50µV/DIV
Figure 33. REFOUT Output Noise 100 kHz Bandwidth
M1.00s
A CH1
18mV
1
VDD/VSS = ±12V
TA = 25°C
5µV/DIV
Figure 34. REFOUT Output Noise 0.1 Hz to 10 Hz
Figure 35. REFOUT Load Regulation
Figure 36. REFOUT Histogram of Thermal Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com