Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F207ICH6V Datasheet(PDF) 58 Page - STMicroelectronics

Part # STM32F207ICH6V
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F207ICH6V Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STM32F207ICH6V Datasheet HTML 54Page - STMicroelectronics STM32F207ICH6V Datasheet HTML 55Page - STMicroelectronics STM32F207ICH6V Datasheet HTML 56Page - STMicroelectronics STM32F207ICH6V Datasheet HTML 57Page - STMicroelectronics STM32F207ICH6V Datasheet HTML 58Page - STMicroelectronics STM32F207ICH6V Datasheet HTML 59Page - STMicroelectronics STM32F207ICH6V Datasheet HTML 60Page - STMicroelectronics STM32F207ICH6V Datasheet HTML 61Page - STMicroelectronics STM32F207ICH6V Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 184 page
background image
Pinouts and pin description
STM32F20xxx
58/184
DocID15818 Rev 15
-
-
98 142 170 A3
PE1
I/O FT
-
FSMC_NBL1, DCMI_D3,
EVENTOUT
-
--
-
-
-
D5
VSS
S-
-
-
-
63 D8
-
-
-
-
VSS
S-
-
-
-
-
-
99 143 171 C6
RFU
-
-
(7)
--
64 D9 100 144 172 C5
VDD
S-
-
-
-
--
-
- 173 D4
PI4
I/O FT
-
TIM8_BKIN, DCMI_D5,
EVENTOUT
-
--
-
- 174 C4
PI5
I/O FT
-
TIM8_CH1, DCMI_VSYNC,
EVENTOUT
-
--
-
- 175 C3
PI6
I/O FT
-
TIM8_CH2, DCMI_D6,
EVENTOUT
-
--
-
- 176 C2
PI7
I/O FT
-
TIM8_CH3, DCMI_D7,
EVENTOUT
-
-
C8
-
-
-
-
IRROFF
I/O
-
-
-
-
1. Function availability depends on the chosen device.
2. PC13, PC14, PC15 and PI8 are supplied through the power switch. Since the switch only sinks a limited amount of current
(3 mA), the use of GPIOs PC13 to PC15 and PI8 in output mode is limited: the speed should not exceed 2 MHz with a
maximum load of 30 pF and these I/Os must not be used as a current source (e.g. to drive an LED).
3. Main function after the first backup domain power-up. Later on, it depends on the contents of the RTC registers even after
reset (because these registers are not reset by the main reset). For details on how to manage these I/Os, refer to the RTC
register description sections in the STM32F20x and STM32F21x reference manual, available from the STMicroelectronics
website: www.st.com.
4. FT = 5 V tolerant except when in analog mode or oscillator mode (for PC14, PC15, PH0 and PH1).
5. If the device is delivered in an UFBGA176 package and if the REGOFF pin is set to VDD (Regulator OFF), then PA0 is
used as an internal Reset (active low).
6. FSMC_NL pin is also named FSMC_NADV on memory devices.
7. RFU means “reserved for future use”. This pin can be tied to VDD,VSS or left unconnected.
Table 8. STM32F20x pin and ball definitions (continued)
Pins
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions
Table 9. FSMC pin definition
Pins
FSMC
LQFP100
CF
NOR/PSRAM/SRAM
NOR/PSRAM Mux
NAND 16 bit
PE2
-
A23
A23
-
Yes
PE3
-
A19
A19
-
Yes
PE4
-
A20
A20
-
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com