Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F207ICH6V Datasheet(PDF) 62 Page - STMicroelectronics

Part # STM32F207ICH6V
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F207ICH6V Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STM32F207ICH6V Datasheet HTML 58Page - STMicroelectronics STM32F207ICH6V Datasheet HTML 59Page - STMicroelectronics STM32F207ICH6V Datasheet HTML 60Page - STMicroelectronics STM32F207ICH6V Datasheet HTML 61Page - STMicroelectronics STM32F207ICH6V Datasheet HTML 62Page - STMicroelectronics STM32F207ICH6V Datasheet HTML 63Page - STMicroelectronics STM32F207ICH6V Datasheet HTML 64Page - STMicroelectronics STM32F207ICH6V Datasheet HTML 65Page - STMicroelectronics STM32F207ICH6V Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 184 page
background image
Port B
PB0
-
TIM1_CH2N
TIM3_CH3
TIM8_CH2N
-
-
-
-
-
-
OTG_HS_ULPI_D1 ETH _MII_RXD2
-
-
-
EVENTOUT
PB1
-
TIM1_CH3N
TIM3_CH4
TIM8_CH3N
-
-
-
-
-
-
OTG_HS_ULPI_D2 ETH _MII_RXD3
-
-
-
EVENTOUT
PB2
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
EVENTOUT
PB3
JTDO/
TRACESWO
TIM2_CH2
-
-
-
SPI1_SCK
SPI3_SCK
I2S3_SCK
-
-
-
-
-
-
-
-
EVENTOUT
PB4
JTRST
-
TIM3_CH1
-
-
SPI1_MISO
SPI3_MISO
-
-
-
-
-
-
-
-
EVENTOUT
PB5
-
-
TIM3_CH2
-
I2C1_SMBA
SPI1_MOSI
SPI3_MOSI
I2S3_SD
-
-
CAN2_RX
OTG_HS_ULPI_D7 ETH _PPS_OUT
-
DCMI_D10
-
EVENTOUT
PB6
-
-
TIM4_CH1
-
I2C1_SCL
-
-
USART1_TX
-
CAN2_TX
-
-
-
DCMI_D5
-
EVENTOUT
PB7
-
-
TIM4_CH2
-
I2C1_SDA
-
-
USART1_RX
-
-
-
-
FSMC_NL
DCMI_VSYNC
-
EVENTOUT
PB8
-
-
TIM4_CH3
TIM10_CH1
I2C1_SCL
-
-
-
-
CAN1_RX
-
ETH _MII_TXD3
SDIO_D4
DCMI_D6
-
EVENTOUT
PB9
-
-
TIM4_CH4
TIM11_CH1
I2C1_SDA
SPI2_NSS
I2S2_WS
-
-
-
CAN1_TX
-
-
SDIO_D5
DCMI_D7
-
EVENTOUT
PB10
-
TIM2_CH3
-
-
I2C2_SCL
SPI2_SCK
I2S2_SCK
-
USART3_TX
-
-
OTG_HS_ULPI_D3 ETH_ MII_RX_ER
-
-
-
EVENTOUT
PB11
-
TIM2_CH4
-
-
I2C2_SDA
-
-
USART3_RX
-
-
OTG_HS_ULPI_D4
ETH _MII_TX_EN
ETH
_RMII_TX_EN
--
-
EVENTOUT
PB12
-
TIM1_BKIN
-
-
I2C2_SMBA
SPI2_NSS
I2S2_WS
-
USART3_CK
-
CAN2_RX
OTG_HS_ULPI_D5
ETH _MII_TXD0
ETH _RMII_TXD0
OTG_HS_ID
-
-
EVENTOUT
PB13
-
TIM1_CH1N
-
-
-
SPI2_SCK
I2S2_SCK
-
USART3_CTS
-
CAN2_TX
OTG_HS_ULPI_D6
ETH _MII_TXD1
ETH _RMII_TXD1
--
-
EVENTOUT
PB14
-
TIM1_CH2N
-
TIM8_CH2N
-
SPI2_MISO
-
USART3_RTS
-
TIM12_CH1
-
-
OTG_HS_DM
-
-
EVENTOUT
PB15
RTC_50Hz
TIM1_CH3N
-
TIM8_CH3N
-
SPI2_MOSI
I2S2_SD
-
-
-
TIM12_CH2
-
-
OTG_HS_DP
-
-
EVENTOUT
Table 10. Alternate function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF014
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/10/11
I2C1/I2C2/I2C3 SPI1/SPI2/I2S2
SPI3/I2S3
USART1/2/3
UART4/5/
USART6
CAN1/CAN2/
TIM12/13/14
OTG_FS/ OTG_HS
ETH
FSMC/SDIO/
OTG_HS
DCMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com