Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F207ICH6V Datasheet(PDF) 87 Page - STMicroelectronics

Part # STM32F207ICH6V
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F207ICH6V Datasheet(HTML) 87 Page - STMicroelectronics

Back Button STM32F207ICH6V Datasheet HTML 83Page - STMicroelectronics STM32F207ICH6V Datasheet HTML 84Page - STMicroelectronics STM32F207ICH6V Datasheet HTML 85Page - STMicroelectronics STM32F207ICH6V Datasheet HTML 86Page - STMicroelectronics STM32F207ICH6V Datasheet HTML 87Page - STMicroelectronics STM32F207ICH6V Datasheet HTML 88Page - STMicroelectronics STM32F207ICH6V Datasheet HTML 89Page - STMicroelectronics STM32F207ICH6V Datasheet HTML 90Page - STMicroelectronics STM32F207ICH6V Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 184 page
background image
DocID15818 Rev 15
87/184
STM32F20xxx
Electrical characteristics
183
Table 26. Peripheral current consumption
Peripheral(1)
Typical consumption at 25 °C
Unit
AHB1
GPIO A
0.45
mA
GPIO B
0.43
GPIO C
0.46
GPIO D
0.44
GPIO E
0.44
GPIO F
0.42
GPIO G
0.44
GPIO H
0.42
GPIO I
0.43
OTG_HS + ULPI
3.64
CRC
1.17
BKPSRAM
0.21
DMA1
2.76
DMA2
2.85
ETH_MAC +
ETH_MAC_TX
ETH_MAC_RX
ETH_MAC_PTP
2.99
AHB2
OTG_FS
3.16
DCMI
0.60
AHB3
FSMC
1.74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com