Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F207ICH6V Datasheet(PDF) 122 Page - STMicroelectronics

Part # STM32F207ICH6V
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F207ICH6V Datasheet(HTML) 122 Page - STMicroelectronics

Back Button STM32F207ICH6V Datasheet HTML 118Page - STMicroelectronics STM32F207ICH6V Datasheet HTML 119Page - STMicroelectronics STM32F207ICH6V Datasheet HTML 120Page - STMicroelectronics STM32F207ICH6V Datasheet HTML 121Page - STMicroelectronics STM32F207ICH6V Datasheet HTML 122Page - STMicroelectronics STM32F207ICH6V Datasheet HTML 123Page - STMicroelectronics STM32F207ICH6V Datasheet HTML 124Page - STMicroelectronics STM32F207ICH6V Datasheet HTML 125Page - STMicroelectronics STM32F207ICH6V Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 184 page
background image
Electrical characteristics
STM32F20xxx
122/184
DocID15818 Rev 15
Figure 48. ULPI timing diagram
Ethernet characteristics
Table 62 shows the Ethernet operating voltage.
Table 63 gives the list of Ethernet MAC signals for the SMI (station management interface)
and Figure 49 shows the corresponding timing diagram.
Table 61. ULPI timing
Symbol
Parameter
Value(1)
1. VDD = 2.7 V to 3.6 V and TA = –40 to 85 °C.
Unit
Min
Max
tSC
Control in (ULPI_DIR) setup time
-
2.0
ns
Control in (ULPI_NXT) setup time
-
1.5
tHC
Control in (ULPI_DIR, ULPI_NXT) hold time
0
-
tSD
Data in setup time
-
2.0
tHD
Data in hold time
0
-
tDC
Control out (ULPI_STP) setup time and hold time
-
9.2
tDD
Data out available from clock rising edge
-
10.7
Table 62. Ethernet DC electrical characteristics
Symbol
Parameter
Min(1)
1. All the voltages are measured from the local ground potential.
Max(1)
Unit
Input level
VDD
Ethernet operating voltage
2.7
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com