Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MY2F Datasheet(PDF) 19 Page - Omron Electronics LLC

Part # MY2F
Description  Miniature Power Relays MY(S)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MY2F Datasheet(HTML) 19 Page - Omron Electronics LLC

Back Button MY2F Datasheet HTML 15Page - Omron Electronics LLC MY2F Datasheet HTML 16Page - Omron Electronics LLC MY2F Datasheet HTML 17Page - Omron Electronics LLC MY2F Datasheet HTML 18Page - Omron Electronics LLC MY2F Datasheet HTML 19Page - Omron Electronics LLC MY2F Datasheet HTML 20Page - Omron Electronics LLC MY2F Datasheet HTML 21Page - Omron Electronics LLC MY2F Datasheet HTML 22Page - Omron Electronics LLC MY2F Datasheet HTML 23Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
MY(S)
19
Latching Relays:
MY2K
Specifications
Coil Rating
Note: 1. The rated current for AC is the value measured with a DC ammeter in half-wave rectification.
2. The rated current and coil resistance are measured at a coil temperature of 23°C with tolerances of +15%/
−20% for the AC rated current and ±15% for the
DC coil resistance.
3. The AC coil resistance is a reference value only.
4. Operating characteristics were measured at a coil temperature of 23°C.
5. The maximum voltage capacity was measured at an ambient temperature of 23°C.
Contact Ratings
* With no icing or condensation.
Characteristics
Note: The above values are initial values.
*1. Measurement conditions: 1 A at 5 VDC using the voltage drop method
*2. Measurement conditions: With rated operating power applied, not including
contact bounce.
*3. Measurement conditions: For 500 VDC applied to the same location as for
dielectric strength measurement.
*4. Ambient temperature condition: 23° C
*5. This value was measured at a switching frequency of 120 operations per
minute.
Item
Set coil
Reset coil
Set voltage
(V)
Reset
voltage (V)
Maximum
voltage (V)
Power consumption (VA, W)
Rated current (mA)
Coil
resistance (
Ω)
Rated current (mA)
Coil
resistance (
Ω)
Set coil
Reset coil
Rated voltage (V)
50 Hz
60 Hz
50 Hz
60 Hz
AC
12
57
56
72
39
38.2
130
80% max.
80% max.
110% max. of
rated voltage
Approx. 0.6
to 0.9
(at 60 Hz)
Approx. 0.2
to 0.5
(at 60 Hz)
24
27.4
26.4
320
18.6
18.1
550
100
7.1
6.9
5,400
3.5
3.4
3,000
DC
12
110
110
50
235
Approx. 1.3
Approx. 0.6
24
52
470
25
940
48
27
1,800
16
3,000
Load
Item
Resistive load
Inductive load
(cos φ = 0.4, L/R = 7 ms)
Rated load
3 A at 220 VAC
3 A at 24 VDC
0.8 A at 220 VAC
1.5 A at 24 VDC
Rated carry
current
3 A
Maximum contact
voltage
250 VAC, 125 VDC
Maximum contact
current
3 A
Contact form
DPDT
Contact materials Au plating + Ag
Ambient operating
temperature
−55 to 60° C*
Ambient operating
humidity
5% to 85%
Contact resistance*1
50 m
Ω max.
Set
Time*2
AC: 30 ms max., DC: 15 ms max.
Minimum pulse width AC: 60 ms, DC: 30 ms
Reset
Time*2
AC: 30 ms max., DC: 15 ms max.
Minimum pulse width AC: 60 ms, DC: 30 ms
Maximum
operating
frequency
Mechanical
18,000 operations/h
Rated load
1,800 operations/h
Insulation resistance*3
100 M
Ω
Dielectric
strength
Between coil
and contacts
1,500 VAC at 50/60 Hz for 1 min.
Between contacts of
different polarity
Between contacts of
the same polarity
1,000 VAC at 50/60 Hz for 1 min.
Between set/
reset coils
Vibration
resistance
Destruction
10 to 55 to 10 Hz, 0.5-mm single amplitude
(1.0-mm double amplitude)
Malfunction
10 to 55 to 10 Hz, 0.5-mm single amplitude
(1.0-mm double amplitude)
Shock
resistance
Destruction
1,000 m/s2
Malfunction
200 m/s2
Endurance
Mechanical
100,000,000 operations min.
(switching frequency: 18,000 operations/h)
Electrical*4
200,000 operations min.
(at 1,800 operations/hr, rated load)
Failure rate P value (reference value)*5 1 mA at 1 VDC
Weight
Approx. 30 g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com