Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MY2F Datasheet(PDF) 29 Page - Omron Electronics LLC

Part # MY2F
Description  Miniature Power Relays MY(S)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MY2F Datasheet(HTML) 29 Page - Omron Electronics LLC

Back Button MY2F Datasheet HTML 25Page - Omron Electronics LLC MY2F Datasheet HTML 26Page - Omron Electronics LLC MY2F Datasheet HTML 27Page - Omron Electronics LLC MY2F Datasheet HTML 28Page - Omron Electronics LLC MY2F Datasheet HTML 29Page - Omron Electronics LLC MY2F Datasheet HTML 30Page - Omron Electronics LLC MY2F Datasheet HTML 31Page - Omron Electronics LLC MY2F Datasheet HTML 32Page - Omron Electronics LLC MY2F Datasheet HTML 33Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
MY(S)
29
Note: Use a panel with plate thickness of 1 to 2 mm for mounting the Sockets.
Socket
Dimensions
Terminal arrangement/
Internal connections
(top view)
Mounting holes
PY08/PY08-Y1
(See note)
Eight, 3 x 1.2 elliptical holes
25.5 max.
29.5 max.
24 max.
42 max.
Note:
The PY08-Y1 includes sections indicated by
dotted lines.
20 max.
PY08QN/
PY08QN-Y1
(See note)
29.5 max.
22 max.
24 max.
41.5 max.
42 max.
Note: The PY08QN-Y1 includes sections
indicated by dotted lines.
PY08-02
16.5 max.
22 max.
25.5 max.
29.5 max.
Eight, 1.3-dia.
holes
PY14/PY14-Y1
(See note)
Fourteen, 3 x 1.2 elliptical holes
25.5 max.
29.5 max.
24 max.
42 max.
Note:
The PY14-Y1 includes sections indicated by
dotted lines.
20 max.
PY14QN/
PY14QN-Y1
(See note)
29.5 max.
22 max.
24 max.
41.5 max.
42 max.
Note:
The PY14QN-Y1 includes sections
indicated by dotted lines.
PY14-02
16.5 max.
22 max.
25.5 max.
29.5 max.
Fourteen, 1.3-dia.
holes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com