Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MY2F Datasheet(PDF) 25 Page - Omron Electronics LLC

Part # MY2F
Description  Miniature Power Relays MY(S)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MY2F Datasheet(HTML) 25 Page - Omron Electronics LLC

Back Button MY2F Datasheet HTML 21Page - Omron Electronics LLC MY2F Datasheet HTML 22Page - Omron Electronics LLC MY2F Datasheet HTML 23Page - Omron Electronics LLC MY2F Datasheet HTML 24Page - Omron Electronics LLC MY2F Datasheet HTML 25Page - Omron Electronics LLC MY2F Datasheet HTML 26Page - Omron Electronics LLC MY2F Datasheet HTML 27Page - Omron Electronics LLC MY2F Datasheet HTML 28Page - Omron Electronics LLC MY2F Datasheet HTML 29Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
MY(S)
25
Mounting Plates for Sockets
Note: PYP-18 and PYP-36 can be cut into any desired length in accordance with the number of Sockets.
DIN-rail and Accessories
Mounting Heights with Sockets (Unit: mm)
Socket model
For 1 Socket
For 18 Sockets
For 36 Sockets
PY08, PY08QN(2), PY14, PY14QN(2)
PYP-1
PYP-18
PYP-36
Supporting DIN-rail (length = 500 mm)
PFP-50N
Supporting DIN-rail (length = 1,000 mm) PFP
PFP-100N, PFP-100N2
End Plate
PFP-M
Spacer
PFP-S
Front-mounting Sockets
Screw terminal
(PYF
@A (-E), PYF@A-N, PYF14-ES@-B)
Push-In Plus Terminal Block Sockets
(PYF-
@-PU)
Back-mounting Sockets
Solder terminals/Wrapping terminals
(PY
@)
Relays with PCB Terminals
(PY
@-02)
MY
PYF@A-(@)
66 (83)
70 (87)
Note: 1. The PYF
@A can be mounted on a track or with screws.
2. The heights given in parentheses are the measurements
for 53-mm-high Relays.
80
42.5
27
PYF14-ESN-B
MY
82
61
PYF14-ESS-B
MY
(
3.9)
28.1
67.5
64.1
MY
PYF-
@-PU
39 (56)
MY
PY@
MY
48.2
PY@-02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com