Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN888CD Datasheet(PDF) 12 Page - Texas Instruments

Part # SN888CD
Description  Bus-Polarity Correcting RS-485 Transceiver for E-Meters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN888CD Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN888CD Datasheet HTML 8Page - Texas Instruments SN888CD Datasheet HTML 9Page - Texas Instruments SN888CD Datasheet HTML 10Page - Texas Instruments SN888CD Datasheet HTML 11Page - Texas Instruments SN888CD Datasheet HTML 12Page - Texas Instruments SN888CD Datasheet HTML 13Page - Texas Instruments SN888CD Datasheet HTML 14Page - Texas Instruments SN888CD Datasheet HTML 15Page - Texas Instruments SN888CD Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
R
A
B
R
RE
DE
D
D
LS
10000
1000
100
10
100
1k
10k
100k
1M
10M
100M
DATA RATE - bps
Conservative
Characteristics
5,10,20 % Jitter
SN888C
SLLSEI4 – SEPTEMBER 2013
www.ti.com
Cable Length Versus Data Rate
There is an inverse relationship between data rate and cable length, which means the higher the data rate, the
shorter the cable length; and conversely, the lower the data rate, the longer the cable length. While most RS-485
systems use data rates between 10 kbps and 100 kbps, applications such as e-metering often operate at rates of
up to 250 kbps even at distances of 4000 ft and longer. Longer distances are possible by allowing for small
signal jitter of up to 5 or 10%.
CABLE LENGTH (FT)
vs
DATA RATE (BPS)
Stub Length
When connecting a node to the bus, the distance between the transceiver inputs and the cable trunk, known as
the stub, should be as short as possible. The reason for the short distance is because a stub presents a non-
terminated piece of bus line, which can introduce reflections if the distance is too long. As a general guideline,
the electrical length or round-trip delay of a stub should be less than one-tenth of the rise time of the driver, thus
leading to a maximum physical stub length as shown in Equation 1.
LStub ≤ 0.1 × tr × v × c
where
•
tr is the 10 / 90 rise time of the driver
•
c is the speed of light (3 × 10
8 m/s or 9.8 × 108 ft/s)
•
v is the signal velocity of the cable (v = 78%) or trace (v = 45%) as a factor of c
(1)
Based on Equation 1, with a minimum rise time of 400 ns, Equation 2 shows the maximum cable-stub length of
the SN888C device.
LStub ≤ 0.1 × 400 × 10
-9 × 3 × 108 × 0.78 = 9,4 m (or 30.6 ft)
(2)
Figure 14. Stub Length
12
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: SN888C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com