Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WHPC Datasheet(PDF) 4 Page - TT Electronics.

Part # WHPC
Description  Thick Film High Power Chip Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

WHPC Datasheet(HTML) 4 Page - TT Electronics.

  WHPC Datasheet HTML 1Page - TT Electronics. WHPC Datasheet HTML 2Page - TT Electronics. WHPC Datasheet HTML 3Page - TT Electronics. WHPC Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Thick Film High
Power Chip Resistor
WHPC Series
12.24
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
Thick Film High Power Chip Resistor
WHPC Series
0
20
40
60
80
100
120
-55
-20
15
50
85
120
155
Ambient temperature (ºC)
0
10
20
30
40
50
60
70
80
0
0.2
0.4
0.6
0.8
1
Power Dissipation (W)
Pulse Loading Capability
Test condition: 10,000 pulses at 70ºC. Single pulse condition has mean power ≤ 10% of Pr. Continuous pulse
condition has mean power = Pr.
De-Rating Curve
Temperature Rise (hotspot)
WHPC All Sizes
WHPC 1206 and 2010
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181  Facsimile: +44 (0) 1670 829465  Email: info@welwyn-tt.com  Website: www.welwyn-tt.com
WHPC 1206
1
10
100
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Pulse duration (s)
Single pulse
Continuous pulse
WHPC 2010
1
10
100
1000
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Pulse duration (s)
Single pulse
Continuous pulse
1206
2010
70
0
Thick Film High Power Chip Resistor
WHPC Series
Packaging
Ordering Procedure
Example: WHPC1206 at 10 kilohms and 1% tolerance on a reel of 5000 pieces -
W H P C 1 2 0 6 – 1 0 K F T 5
Type
Size
Value (use IEC62 code)
Tolerance (use IEC62 code)
F
1%
J
5%
Packing
T5
1206, 0612
5000/reel
T4
Tape
2010, 1020, 1218, 1225
4000/reel
Standard
General Note
08.10
Welwyn Components reserves the right to make changes in product specification without notice or liability
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 Facsimile: +44 (0) 1670 829465 Email: info@welwyn-tt.com Website: www.welwyn-tt.com
Tape dimensions in mm
W
P1
P0
P2
D0
D1
E
F
A0
B0
K0
A
Type
±0.3
±0.1
±0.1
±
0.05
±0.1
±0.2
±0.1
±0.05
±0.2
±0.2
±0.1
±1
1206
8.0
4.0
4.0
2.0
1.5
1.0
1.75
3.5
1.9
3.5
0.85
9
2010
12.0
4.0
4.0
2.0
1.5
1.5
1.75
5.5
2.79
5.5
1.2
13.0
061
0508
2
8
8.0
4.0
4.0
2.0
1.5
1.75
3.5
1.6
2.4
0.85 12.5
N.A
.0
4.0
4.0
2.0
1.5
N.A
1.75
3.5
2.0
3.60
0.81 10.0
1020
12.0
4.0
4.0
2.0
1.5
N.A
1.75
5.5
2.8
5.40
0.75 13.8
1218
12.0
4.0
4.0
2.0
1.5
1.5
1.75
5.5
3.5
4.80
1.0
13.8
1225
12.0
4.0
4.0
2.0
1.5
1.5
1.75
5.5
3.5
6.70
1.0
13.8
Ordering Procedure
Example: WHPC1206-10KFT5 (WHPC1206, 10 kilohms ±1%, Pb-free)
W H P C 1
2
0
6
-
1
0 K
F T 5
1
2
3
4
5
6
1
2
3
4
5
6
Series Size
Range
Value
Tolerance
Packing
WHPC 1206
Omit for Standard
E24 = 3/4 characters
E96 = 3/4 characters
R = ohms
K = kilohms
M = megohms
D = 0.5% T5
1206, 0508, 0612
5000/reel
2010
X = Extra-high power
(0508, 0612, 1020 only)
F = ±1% T4 2010, 1020, 1218, 1225 4000/reel
0508
J = ±5%
0612
1020
1218
1225



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com