Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WHPC Datasheet(PDF) 3 Page - TT Electronics.

Part # WHPC
Description  Thick Film High Power Chip Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

WHPC Datasheet(HTML) 3 Page - TT Electronics.

  WHPC Datasheet HTML 1Page - TT Electronics. WHPC Datasheet HTML 2Page - TT Electronics. WHPC Datasheet HTML 3Page - TT Electronics. WHPC Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
WHPC Series
Thick Film High Power Chip Resistor
WHPC Series
Construction
Thick-film electrodes, resistor material, overglaze and organic protection are screen printed on an alumina substrate.
Wrap-around terminations have an electroplated nickel barrier and matt tin plating; this ensures excellent leach
resistance properties and solderability.
Marking
5% parts are marked with 3 digits. The first two digits are significant figures and the third digit is the number of
zeros to follow. The letter “R” represents a decimal point.
1% parts have four digits, the first three digits are significant figures and the fourth digit is the number of zeros to
follow. The letter “R” represents a decimal point.
Solvent Resistance
The body protection is resistant to all normal industrial cleaning solvents suitable for printed circuits.
Performance Data
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 Facsimile: +44 (0) 1670 829465 Email: info@welwyn-tt.com Website: www.welwyn-tt.com
AEC-Q200 Table 7
Method
Max. (+0.05Ω except where stated)
Typ.
ref.
Test
3
High Temp. Exposure * MIL-STD-202 Method 108 ΔR
± %
1
3
0.15
4
Temperature Cycling JESD22 Method JA-104
ΔR%
0.5
1.5 +0.1Ω
0.1
6
Moisture Resistance MIL-STD-202 Method 106 ΔR% 2 +0.1Ω
3 +0.1Ω
0.05
7
Biased Humidity * MIL-STD-202 Method 103 ΔR%
2
3 +0.1Ω
0.2
8 Operational Life (Cyclic Load) * MIL-STD-202 Method 108 ΔR%
2
3 +0.1Ω
0.2
14
Vibration MIL-STD-202 Method 204 ΔR%
0.5
1
0.1
15 Resistance to Soldering Heat * MIL-STD-202 Method 210 ΔR%
1
0.05
16
Thermal Shock * MIL-STD-202 Method 107 ΔR%
0.5
1
0.05
18
Solderability *
J-STD-002
>95% coverage
21
Board Flex *
AEC-Q200-005
ΔR%
1
0.25
22
Terminal Strength
AEC-Q200-006
no damage
Climatic *
Category 55/155/42
ΔR%
2
3
0.2
Short Term Overload * 6.25 x Pr or 2 x LEV for 5s ΔR%
1.5
2 +0.1Ω
0.15
Pulse Loading Capability 10,000 pulses @70°C
See graphs below
ΔR%
2
0.5
Insulation Resistance *
400V for 1 minute
≥10G
1. Full AEC-Q200 qualification applies to 1206 and 2010 siz
0508X, 0612X & 1020X.
es,
Other sizes received the tests marked *.
±
±
±
±
±
±
±
±
±
±
±
Range: Standard
1%
Standard
5%
Extra-high-
power
1
0.5
0.5
0.5
N/A
N/A
N/A
N/A
1+0.1Ω
1+0.1Ω
1
1
Thick Film High
Power Chip Resistor
12.24
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
Thick Film High Power Chip Resistor
WHPC Series
0
20
40
60
80
100
120
-55
-20
15
50
85
120
155
Ambient temperature (ºC)
0
10
20
30
40
50
60
70
80
0
0.2
0.4
0.6
0.8
1
Power Dissipation (W)
Pulse Loading Capability
Test condition: 10,000 pulses at 70ºC. Single pulse condition has mean power ≤ 10% of Pr. Continuous pulse
condition has mean power = Pr.
De-Rating Curve
Temperature Rise (hotspot)
WHPC All Sizes
WHPC 1206 and 2010
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181  Facsimile: +44 (0) 1670 829465  Email: info@welwyn-tt.com  Website: www.welwyn-tt.com
WHPC 1206
1
10
100
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Pulse duration (s)
Single pulse
Continuous pulse
WHPC 2010
1
10
100
1000
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Pulse duration (s)
Single pulse
Continuous pulse
1206
2010
70
0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com