Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WHPC Datasheet(PDF) 1 Page - TT Electronics.

Part # WHPC
Description  Thick Film High Power Chip Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

WHPC Datasheet(HTML) 1 Page - TT Electronics.

  WHPC Datasheet HTML 1Page - TT Electronics. WHPC Datasheet HTML 2Page - TT Electronics. WHPC Datasheet HTML 3Page - TT Electronics. WHPC Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
WHPC Series
Features
Double the standard power for size
Inverse terminated versions
Small footprint
Excellent pulse performance
Extra-high-power range
AEC-Q200 Qualified
Thick Film High Power Chip Resistor
WHPC Series
Double the standard power for size
Inverse terminated versions
Small footprint
Excellent pulse performance
RoHS compliant
AEC-Q200 Qualified
Electrical Data
1206
2010
0612
1020
1218
1225
Power rating @70C
watts
0.5
1.0
0.5
1.0
1.5
Resistance range
ohms
1R0 to 10M
1R0 to 1M
10R to
1M
Limiting element voltage
volts
200
Standard values
E24 (1% & 5%) & E96 (1%)
Tolerance
%
1, 5
10R:5 >10R:1, 5
1, 5
TCR(-55ºC to 155ºC)
ppm/C
10R: 200
>10R-1M0: 100
>1M0: 200
<10R: 400
10R-100R: 200
>100R: 100
Ambient temperature range
C
-55 to +155
Pad / trace area *
mm²
50
60
40
50
50
90
*Recommended minimum pad & adjacent trace area for each termination for rated power dissipation on FR4 PCB
Physical Data
Dimensions (mm) & weight (mg)
L
W
T
A
C
wt.
1206
3.1±0.1
1.55±0.1
0.55±0.1
0.5±0.2
0.5±0.25
9
2010
5.0±0.2
2.5±0.15
0.55±0.1
0.5±0.2
0.6±0.25
25
0612
3.2±0.15
1.6±0.15
0.55±0.1
0.3±0.2
0.45±0.2
10
1020
5.0±0.15
2.5±0.15
0.55±0.1
0.4±0.2
0.6±0.2
26
1218
4.6±0.15
3.1±0.1
0.55±0.1
0.4±0.2
0.45±0.2
27
1225 6.25±0.15 3.1±0.15
0.55±0.1
0.65±0.2
0.45±0.2
39
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181  Facsimile: +44 (0) 1670 829465  Email: info@welwyn-tt.com  Website: www.welwyn-tt.com
All parts are Pb-free and comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
All parts are Pb-free and comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
Thick Film High
Power Chip Resistor
12.24
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
Standard range
*Recommended minimum pad & adjacent trace area for each termination for rated power dissipation on FR4 PCB
Extra-high-power range
0508X
0612X
1020X
Power rating @ 70°C
watts
1
1.5
2
Resistance range
ohms
1R0 to 1M
Limiting element voltage
volts
200
Standard values
E24 (1% & 5%) & E96 (0.5% & 1%)
Tolerance
%
0.5, 1, 5
TCR (-55°C to 155°C)
ppm/°C
<10: 150
≥10: 100
100
<10: 150
≥10: 100
Ambient temperature range
°C
-55 to +155
Pad/trace area*
mm²
50
60
80


Similar Description - WHPC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
RC1608J000CS SAMSUNG-RC1608J000CS Datasheet
5Mb / 40P
THICK-FILM CHIP RESISTOR
RC1608J111CS SAMSUNG-RC1608J111CS Datasheet
5Mb / 40P
THICK-FILM CHIP RESISTOR
logo
Riedon Powertron
CLR0201 RIEDON-CLR0201_13 Datasheet
167Kb / 1P
Thick Film Chip Resistor
logo
Samsung semiconductor
RC0603J271CS SAMSUNG-RC0603J271CS Datasheet
73Kb / 2P
Thick - Film chip RESISTOR
RC1005J123CS SAMSUNG-RC1005J123CS Datasheet
5Mb / 40P
THICK-FILM CHIP RESISTOR
RC2012F2491CS SAMSUNG-RC2012F2491CS Datasheet
73Kb / 2P
Thick - Film chip RESISTOR
RP164PJ000CS SAMSUNG-RP164PJ000CS Datasheet
4Mb / 20P
THICK-FILM CHIP RESISTOR
logo
YAGEO Corporation
RC0100JR-070RL YAGEO-RC0100JR-070RL Datasheet
117Kb / 7P
Thick Film Chip Resistor
logo
Stackpole Electronics, ...
RHC SEI-RHC Datasheet
402Kb / 7P
High Power Thick Film Chip Resistor
11/18/2020
RMCP-UP SEI-RMCP-UP Datasheet
438Kb / 6P
Thick Film Ultra High Power Chip Resistor
2/21/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com