Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1507-E/SS. Datasheet(PDF) 210 Page - Microchip Technology

Part # PIC16F1507-E/SS.
Description  20-Pin Flash, 8-Bit Microcontrollers
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1507-E/SS. Datasheet(HTML) 210 Page - Microchip Technology

Back Button PIC16F1507-E/SS. Datasheet HTML 206Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 207Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 208Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 209Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 210Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 211Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 212Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 213Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 214Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 278 page
background image
PIC16(L)F1507
DS40001586D-page 210
 2011-2015 Microchip Technology Inc.
TABLE 25-2:
SUPPLY CURRENT (IDD)(1,2)
PIC16LF1507
Standard Operating Conditions (unless otherwise stated)
PIC16F1507
Param.
No.
Device
Characteristics
Min.
Typ†
Max.
Units
Conditions
VDD
Note
D013
30
65
A1.8
FOSC = 1 MHz,
External Clock (ECM),
Medium-Power mode
—55
100
A3.0
D013
65
110
A
2.3
FOSC = 1 MHz,
External Clock (ECM),
Medium-Power mode
85
140
A
3.0
115
190
A
5.0
D014
115
190
A1.8
FOSC = 4 MHz,
External Clock (ECM),
Medium-Power mode
210
310
A3.0
D014
180
270
A
2.3
FOSC = 4 MHz,
External Clock (ECM),
Medium-Power mode
240
365
A
3.0
295
460
A
5.0
D015
3.2
12
A1.8
FOSC = 31 kHz,
LFINTOSC,
-40°C
 TA  +85°C
—5.4
20
A3.0
D015
13
28
A
2.3
FOSC = 31 kHz,
LFINTOSC,
-40°C
 TA  +85°C
15
30
A
3.0
17
36
A
5.0
D016
215
360
A1.8
FOSC = 500 kHz,
HFINTOSC
275
480
A3.0
D016
270
450
A
2.3
FOSC = 500 kHz,
HFINTOSC
300
500
A
3.0
350
620
A
5.0
D017*
410
660
A1.8
FOSC = 8 MHz,
HFINTOSC
630
970
A3.0
D017*
530
750
A
2.3
FOSC = 8 MHz,
HFINTOSC
660
1100
A
3.0
730
1200
A
5.0
D018
600
940
A1.8
FOSC = 16 MHz,
HFINTOSC
970
1400
A3.0
D018
780
1200
A
2.3
FOSC = 16 MHz,
HFINTOSC
1000
1550
A
3.0
1090
1700
A
5.0
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
The test conditions for all IDD measurements in active operation mode are: OSC1 = external square wave,
from rail-to-rail; all I/O pins tri-stated, pulled to VSS; MCLR = VDD; WDT disabled.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O
pin loading and switching rate, oscillator type, internal code execution pattern and temperature, also have
an impact on the current consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com