Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1507-E/SS. Datasheet(PDF) 214 Page - Microchip Technology

Part # PIC16F1507-E/SS.
Description  20-Pin Flash, 8-Bit Microcontrollers
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1507-E/SS. Datasheet(HTML) 214 Page - Microchip Technology

Back Button PIC16F1507-E/SS. Datasheet HTML 210Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 211Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 212Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 213Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 214Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 215Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 216Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 217Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 218Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 278 page
background image
PIC16(L)F1507
DS40001586D-page 214
 2011-2015 Microchip Technology Inc.
TABLE 25-4:
I/O PORTS
Standard Operating Conditions (unless otherwise stated)
Param.
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
Conditions
VIL
Input Low Voltage
I/O PORT:
D030
with TTL buffer
0.8
V
4.5V
 VDD  5.5V
D030A
0.15 VDD
V1.8V
 VDD  4.5V
D032
MCLR
——
0.2 VDD
V
VIH
Input High Voltage
I/O PORT:
D040
with TTL buffer
2.0
V
4.5V
 VDD 5.5V
D040A
0.25 VDD +
0.8
——
V
1.8V
 VDD  4.5V
D042
MCLR
0.8 VDD
——
V
IIL
Input Leakage Current(1)
D060
I/O Ports
± 5
± 125
nA
VSS
 VPIN  VDD,
Pin at high-impedance, 85°C
± 5
± 1000
nA
VSS
 VPIN  VDD,
Pin at high-impedance, 125°C
D061
MCLR(2)
—± 50
± 200
nA
VSS
 VPIN  VDD,
Pin at high-impedance, 85°C
IPUR
Weak Pull-up Current
D070*
25
100
200
AVDD = 3.3V, VPIN = VSS
25
140
300
AVDD = 5.0V, VPIN = VSS
VOL
Output Low Voltage
D080
I/O Ports
——
0.6
V
IOL = 8 mA, VDD = 5V
IOL = 6 mA, VDD = 3.3V
IOL = 1.8 mA, VDD = 1.8V
VOH
Output High Voltage
D090
I/O Ports
VDD - 0.7
V
IOH = 3.5 mA, VDD = 5V
IOH = 3 mA, VDD = 3.3V
IOH = 1 mA, VDD = 1.8V
Capacitive Loading Specifications on Output Pins
D101A* CIO
All I/O pins
50
pF
*
These parameters are characterized but not tested.
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note
1:
Negative current is defined as current sourced by the pin.
2:
The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels represent
normal operating conditions. Higher leakage current may be measured at different input voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com