Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1507-E/SS. Datasheet(PDF) 215 Page - Microchip Technology

Part # PIC16F1507-E/SS.
Description  20-Pin Flash, 8-Bit Microcontrollers
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1507-E/SS. Datasheet(HTML) 215 Page - Microchip Technology

Back Button PIC16F1507-E/SS. Datasheet HTML 211Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 212Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 213Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 214Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 215Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 216Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 217Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 218Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 219Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 278 page
background image
 2011-2015 Microchip Technology Inc.
DS40001586D-page 215
PIC16(L)F1507
TABLE 25-6:
THERMAL CHARACTERISTICS
TABLE 25-5:
MEMORY PROGRAMMING SPECIFICATIONS
Standard Operating Conditions (unless otherwise stated)
Param.
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
Conditions
Program Memory
Programming Specifications
D110
VIHH
Voltage on MCLR/VPP pin
8.0
9.0
V
(Note 2)
D112
VPBE
VDD for Bulk Erase
2.7
VDDMAX
V
D113
VPEW
VDD for Write or Row Erase
VDDMIN
—VDDMAX
V
D114
IPPPGM Current on MCLR/VPP during
Erase/Write
—1.0
mA
D115
IDDPGM Current on VDD during
Erase/Write
—5.0
mA
Program Flash Memory
D121
EP
Cell Endurance
10K
E/W -40
C  TA  +85C
(Note 1)
D122
VPRW
VDD for Read/Write
VDDMIN
—VDDMAX
V
D123
TIW
Self-timed Write Cycle Time
2
2.5
ms
D124
TRETD
Characteristic Retention
40
Year Provided no other
specifications are violated
D125
EHEFC
High-Endurance Flash Cell
100K
E/W 0
C  TA  +60°C, lower
byte last 128 addresses
† Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
Self-write and Block Erase.
2:
Required only if single-supply programming is disabled.
Standard Operating Conditions (unless otherwise stated)
Param.
No.
Sym.
Characteristic
Typ.
Units
Conditions
TH01
JA
Thermal Resistance Junction to Ambient
62.2
C/W
20-pin DIP package
77.7
C/W
20-pin SOIC package
87.3
C/W
20-pin SSOP package
46.2
C/W
20-pin QFN 4x4mm package
32.8
C/W
20-pin UQFN 4x4mm package
TH02
JC
Thermal Resistance Junction to Case
27.5
C/W
20-pin DIP package
23.1
C/W
20-pin SOIC package
31.1
C/W
20-pin SSOP package
13.2
C/W
20-pin QFN 4x4mm package
27.4
C/W
20-pin UQFN 4x4mm package
TH03
TJMAX
Maximum Junction Temperature
150
C
TH04
PD
Power Dissipation
W
PD = PINTERNAL + PI/O
TH05
PINTERNAL Internal Power Dissipation
W
PINTERNAL = IDD x VDD(1)
TH06
PI/O
I/O Power Dissipation
W
PI/O =
 (IOL * VOL) +  (IOH * (VDD - VOH))
TH07
PDER
Derated Power
W
PDER = PDMAX (TJ - TA)/
JA(2)
Note 1:
IDD is current to run the chip alone without driving any load on the output pins.
2:
TA = Ambient Temperature; TJ = Junction Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com