Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1507-E/SS. Datasheet(PDF) 218 Page - Microchip Technology

Part # PIC16F1507-E/SS.
Description  20-Pin Flash, 8-Bit Microcontrollers
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1507-E/SS. Datasheet(HTML) 218 Page - Microchip Technology

Back Button PIC16F1507-E/SS. Datasheet HTML 214Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 215Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 216Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 217Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 218Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 219Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 220Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 221Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 222Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 278 page
background image
PIC16(L)F1507
DS40001586D-page 218
 2011-2015 Microchip Technology Inc.
TABLE 25-8:
OSCILLATOR PARAMETERS
FIGURE 25-6:
HFINTOSC FREQUENCY ACCURACY OVER VDD AND TEMPERATURE
Standard Operating Conditions (unless otherwise stated)
Param.
No.
Sym.
Characteristic
Freq.
Tolerance
Min.
Typ†
Max.
Units
Conditions
OS08
HFOSC
Internal Calibrated HFINTOSC
Frequency(1)
±2%
16.0
MHz
VDD = 3.0V, TA = 25°C,
(Note 2)
OS09
LFOSC
Internal LFINTOSC Frequency
31
kHz
(Note 3)
OS10*
TIOSC ST
HFINTOSC
Wake-up from Sleep Start-up Time
——
5
15
s
OS10A* TLFOSC ST LFINTOSC
Wake-up from Sleep Start-up Time
0.5
ms
-40°C
 TA  +125°C
*
These parameters are characterized but not tested.
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note
1:
To ensure these oscillator frequency tolerances, VDD and VSS must be capacitively decoupled as close to the device as
possible. 0.1
F and 0.01 F values in parallel are recommended.
2:
See Figure 25-6: “HFINTOSC Frequency Accuracy over Device VDD and Temperature”,
Figure 26-51: “HFINTOSC Accuracy Over Temperature, VDD = 1.8V, PIC16LF1507 Only”, and
Figure 26-52: “HFINTOSC Accuracy Over Temperature, 2.3V
 VDD 5.5V”.
3:
See Figure 26-49: “LFINTOSC Frequency over VDD and Temperature, PIC16LF1507 Only”, and
Figure 26-50: “LFINTOSC Frequency over VDD and Temperature, PIC16F1507”.
VDD (V)
125
85
60
25
0
-40
1.8
2.3
5.5
±4.5%
-4.5% to +7%
±12%
±12%
Rev. 10-000135A
7/30/2013
Note:
See Figure 26-51: “HFINTOSC Accuracy Over Temperature, VDD = 1.8V, PIC16LF1507 Only”, and Figure 26-52:
“HFINTOSC Accuracy Over Temperature, 2.3V
VDD  5.5V”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com