Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5904PZP Datasheet(PDF) 18 Page - Texas Instruments

Part # TLC5904PZP
Description  LED DRIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5904PZP Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLC5904PZP Datasheet HTML 14Page - Texas Instruments TLC5904PZP Datasheet HTML 15Page - Texas Instruments TLC5904PZP Datasheet HTML 16Page - Texas Instruments TLC5904PZP Datasheet HTML 17Page - Texas Instruments TLC5904PZP Datasheet HTML 18Page - Texas Instruments TLC5904PZP Datasheet HTML 19Page - Texas Instruments TLC5904PZP Datasheet HTML 20Page - Texas Instruments TLC5904PZP Datasheet HTML 21Page - Texas Instruments TLC5904PZP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
TLC5904
LED DRIVER
SLLS391 – NOVEMBER 1999
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
protection
This device incorporates WDT and TSD functions. If WDT or TSD functions, constant current output is stopped
and XDOWN1 goes low. Therefore, by monitoring the XDOWN1 terminal, these failures can be detected
immediately. Since the XDOWN1 output is configured as an open collector, outputs of multiple ICs are brought
together.
WDT (watchdog timer)
The constant current output is forced to turn off and XDOWN1 goes low when the fixed period elapsed after the
signal applied to WDTRG has not been changed. Therefore, by connecting a scan signal (signal to control line
displayed) to WDTRG, the stop of the scan signal can be detected and the constant current output is turned
off. This prevents the LED from burning and damage caused by continuous LED turnon at the dynamic scanning
operation. The detection time can be set using an external capacitor, Cext. The typical value is approximately
10 ms without a capacitor, 160 ms with a 1000 pF capacitor and 1500 ms with a 0.01
µF capacitor. During static
operation, the WDT function is disabled connecting WDCAP to GND (high or low level should be applied to
WDTRG). Note that normal operations will resume changing the WDTRG level when WDT functions.
WDT operational time: T (ms)
≅ 10 + 0.15 × Cext (pF)
0
0.001
0.01
Cext – External Capacitor –
µF
1500
160
10
TLC5904
WDTRG
WDCAP
Scan Signal
Cext
Figure 6. WDT Operational Time and Usage Example
TSD (thermal shutdown)
When the junction temperature exceeds the limit, TSD starts to function and turns the constant current output
off, and XDOWN1 goes low. When TSD is used, TSENA should be pulled high. When TSD is not used, TSENA
should be pulled low. To recover from the constant current output off-state to normal operations, the power
supply should be turned off or TSENA should be pulled low once.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com