Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5904PZP Datasheet(PDF) 20 Page - Texas Instruments

Part # TLC5904PZP
Description  LED DRIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5904PZP Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLC5904PZP Datasheet HTML 16Page - Texas Instruments TLC5904PZP Datasheet HTML 17Page - Texas Instruments TLC5904PZP Datasheet HTML 18Page - Texas Instruments TLC5904PZP Datasheet HTML 19Page - Texas Instruments TLC5904PZP Datasheet HTML 20Page - Texas Instruments TLC5904PZP Datasheet HTML 21Page - Texas Instruments TLC5904PZP Datasheet HTML 22Page - Texas Instruments TLC5904PZP Datasheet HTML 23Page - Texas Instruments TLC5904PZP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
TLC5904
LED DRIVER
SLLS391 – NOVEMBER 1999
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
power rating – free-air temperature
2.4
4.7
TA – Free–Air Temperature – °C
0
25
85
–20
1.48
3.2
0
0
† VCCLOG=VCCANA=VCCLED=5.0V, IOLC = 80 mA, ICC is typical value.
NOTES: A. IC is mounted on PCB. PCB size: 102 x 76
× 1.6 [mm3], four layers with the internal two layer being plane. The thermal pad is soldered
to the PCB pattern of 10
× 10 [mm2]. For operation above 25°C free-air temperature, derate linearly at the rate of 38.2 mW/°C.
B. The thermal impedance will be varied depending on mounting conditions. Since the PZP package established low thermal
impedance by radiating heat from the thermal pad, the thermal pad should be soldered to the pattern with low a thermal impedance.
C. Consider thermal characteristics when selecting the material for the PCB, since the temperature will rise around the thermal pad.
Figure 7. Power Rating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com