Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5904PZP Datasheet(PDF) 12 Page - Texas Instruments

Part # TLC5904PZP
Description  LED DRIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5904PZP Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLC5904PZP Datasheet HTML 8Page - Texas Instruments TLC5904PZP Datasheet HTML 9Page - Texas Instruments TLC5904PZP Datasheet HTML 10Page - Texas Instruments TLC5904PZP Datasheet HTML 11Page - Texas Instruments TLC5904PZP Datasheet HTML 12Page - Texas Instruments TLC5904PZP Datasheet HTML 13Page - Texas Instruments TLC5904PZP Datasheet HTML 14Page - Texas Instruments TLC5904PZP Datasheet HTML 15Page - Texas Instruments TLC5904PZP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
TLC5904
LED DRIVER
SLLS391 – NOVEMBER 1999
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
constant current output selection by user (80 mA
× 16 bits or 120 mA × 8 bits)
When the MODE terminal is set to high, output is selected as 80 mA
× 16 bits. When the MODE terminal is set
to low, output is selected as 120 mA
× 8 bits. By this setting, the shift register latch for gray scale data is changed
to the configuration corresponding to the bit selected. Note that two constant output terminals should be tied
to an LED such as OUT0-to-OUT1 and OUT2-to-OUT3 because they operate in a pair when the 8 bits output
mode is selected. Also, in this case, the current value of the constant current output is the same as the 16 bits
output mode. Therefore, when an output current of 120 mA is desired, the resister connected to the IREF
terminal should be selected to the same value as the output current of 60 mA.
Table 1. Operation Mode Selection
MODE
OUTPUT
H
80 mA
× 16 bits
L
120 mA
× 8 bits
On the constant current output terminals (OUT0–15), approximately 37 times the current which flows through
external resistor, RIREF (connected between IREF and GND), can flow. The external resistor value is calculated
using the following equation:
RIREF (Ω) ≅ 37 × 1.24 (V)/IO(LC)(A)
where BCENA is low.
Note that more current flows if IREF is connect to GND directly.
constant output current operation
The constant current output turns on the sink constant current if all the gray scale data in the gray scale latch
is not zero on the falling edge of the gray scale clock after the next rising edge of the gray scale clock when
BLANK goes from high to low. After that, the number of the falling edge is counted by the 8-bit gray scale counter.
Then, the output counted corresponding to gray scale data is turned off (stop to sink constant current). If the
shift register for gray scale is updated during XLATCH high, data on the gray scale data latch is also updated
affecting the constant current output number of the gray scale. Accordingly, during the on-state of constant
current output, the XLATCH should be kept to a low level and the gray scale data latch should be held. If there
are constant current output terminals unconnected (includes LED disconnection), the LED should be turned on
after writing zero to the gray scale data latch corresponding to output unconnected. Unless this action is taken,
the supply current on the constant current driver will increase resulting in the influence of the current value for
the constant current output light on.
shift register latch
The device provides three kinds of shift register latchs including the gray scale data, brightness control, and
OVM. To write data into a shift register, DCLK and DIN are utilized. The selection of a shift register will be done
by RSEL0 and RSEL1 as shown in below table. Note that RSEL0 and RSEL1 should be changed when both
DCLK and XLATCH are low.
Table 2. Shift Register Latch Selection
RSEL0
RSEL1
SHIFT REGISTER LATCH SELECTED
L
L
Shift register latch for gray scale data
L
H
Shift register latch for brightness control
H
L
Shift register latch for OVM
H
H
N/A (DOUTn is tied to low level)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com