Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5540INSLE Datasheet(PDF) 4 Page - Texas Instruments

Part # TLC5540INSLE
Description  8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5540INSLE Datasheet(HTML) 4 Page - Texas Instruments

  TLC5540INSLE Datasheet HTML 1Page - Texas Instruments TLC5540INSLE Datasheet HTML 2Page - Texas Instruments TLC5540INSLE Datasheet HTML 3Page - Texas Instruments TLC5540INSLE Datasheet HTML 4Page - Texas Instruments TLC5540INSLE Datasheet HTML 5Page - Texas Instruments TLC5540INSLE Datasheet HTML 6Page - Texas Instruments TLC5540INSLE Datasheet HTML 7Page - Texas Instruments TLC5540INSLE Datasheet HTML 8Page - Texas Instruments TLC5540INSLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
TLC5540
SLAS105D − JANUARY 1995 − REVISED APRIL 2004
www.ti.com
4
recommended operating conditions
MIN
NOM
MAX
UNIT
VDDA−AGND
4.75
5
5.25
V
Supply voltage
VDDD −AGND
4.75
5
5.25
V
Supply voltage
AGND −DGND
−100
0
100
mV
Reference input voltage (top), VI(REFT)
VI(REFB)+1.8 VI(REFB)+2
VDDA
V
Reference input voltage (bottom), VI(REFB)
0
0.6
VI(REFT)−1.8
V
Analog input voltage range, VI(ANLG) (see Note 1)
VI(REFB)
VI(REFT)
V
Full scale voltage, VI(REFT) − VI(REFB)
1.8
5
V
High-level input voltage, VIH
4
V
Low-level input voltage, VIL
1
V
Pulse duration, clock high, tw(H)
12.5
ns
Pulse duration, clock low, tw(L)
12.5
ns
Operating free-air temperature, TA
TLC5540C
0
70
°C
Operating free-air temperature, TA
TLC5540I
−40
85
°C
(1)
1.8 V
≤ VI(REFT) − VI(REFB) < VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com