Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5540INSLE Datasheet(PDF) 13 Page - Texas Instruments

Part # TLC5540INSLE
Description  8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5540INSLE Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC5540INSLE Datasheet HTML 9Page - Texas Instruments TLC5540INSLE Datasheet HTML 10Page - Texas Instruments TLC5540INSLE Datasheet HTML 11Page - Texas Instruments TLC5540INSLE Datasheet HTML 12Page - Texas Instruments TLC5540INSLE Datasheet HTML 13Page - Texas Instruments TLC5540INSLE Datasheet HTML 14Page - Texas Instruments TLC5540INSLE Datasheet HTML 15Page - Texas Instruments TLC5540INSLE Datasheet HTML 16Page - Texas Instruments TLC5540INSLE Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
TLC5540
SLAS105D − JANUARY 1995 − REVISED APRIL 2004
www.ti.com
13
PRINCIPLES OF OPERATION
internal reference voltage conversion
Three internal resistors allow the device to generate an internal reference voltage. These resistors are brought
out on terminals VDDA, REFTS, REFT, REFB, REFBS, and AGND. Two different bias voltages are possible
without the use of external resistors.
Internal resistors are provided to develop REFT = 2.6 V and REFB = 0.6 V (bias option one) with only two
external connections. This is developed with a 3-resistor network connected to VDDA. When using this feature,
connect REFT to REFTS and connect REFB to REFBS. For applications where the variance associated with
VDDA is acceptable, this internal voltage reference saves space and cost (see Figure 14).
A second internal bias option (bias two option) is shown in Figure 15. Using this scheme REFB = AGND and
REFT = 2.28 V nominal. These bias voltage options can be used to provide the values listed in the following
table.
Table 1. Bias Voltage Options
BIAS OPTION
BIAS VOLTAGE
BIAS OPTION
VRB
VRT
VRT − VRB
1
0.61
2.63
2.02
2
AGND
2.28
2.28
To use the internally-generated reference voltage, terminal connections should be made as shown in
Figure 14 or Figure 15. The connections in Figure 14 provide the standard video 2-V reference.
R1
320
Ω NOM
Rref
270
Ω NOM
R2
80
Ω NOM
VDDA
5 V (Analog)
REFTS
REFT
REFB
REFBS
AGND
TLC5540
16
17
22
21
23
18
0.1
µF
0.1
µF
2.63 V dc
0.61 V dc
Figure 14. External Connections Using the Internal Bias One Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com