Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5540INSLE Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC5540INSLE
Description  8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5540INSLE Datasheet(HTML) 1 Page - Texas Instruments

  TLC5540INSLE Datasheet HTML 1Page - Texas Instruments TLC5540INSLE Datasheet HTML 2Page - Texas Instruments TLC5540INSLE Datasheet HTML 3Page - Texas Instruments TLC5540INSLE Datasheet HTML 4Page - Texas Instruments TLC5540INSLE Datasheet HTML 5Page - Texas Instruments TLC5540INSLE Datasheet HTML 6Page - Texas Instruments TLC5540INSLE Datasheet HTML 7Page - Texas Instruments TLC5540INSLE Datasheet HTML 8Page - Texas Instruments TLC5540INSLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
TLC5540
SLAS105D − JANUARY 1995 − REVISED APRIL 2004
8BIT HIGHSPEED ANALOGTODIGITAL CONVERTER
features
D 8-Bit Resolution
D Differential Linearity Error
−
±0.3 LSB Typ, ±1 LSB Max (25°C)
−
±1 LSB Max
D Integral Linearity Error
−
±0.6 LSB, ±0.75 LSB Max (25°C)
−
±1 LSB Max
D Maximum Conversion Rate of
40 Megasamples Per Second (MSPS) Max
D Internal Sample and Hold Function
D 5-V Single Supply Operation
D Low Power Consumption ... 85 mW Typ
D Analog Input Bandwidth ... ≥75 MHz Typ
D Internal Reference Voltage Generators
applications
D Quadrature Amplitude Modulation (QAM)
and Quadrature Phase Shift Keying (QPSK)
Demodulators
D Digital Television
D Charge-Coupled Device (CCD) Scanners
D Video Conferencing
D Digital Set-Top Box
D Digital Down Converters
D High-Speed Digital Signal Processor Front
End
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
OE
DGND
D1(LSB)
D2
D3
D4
D5
D6
D7
D8(MSB)
VDDD
CLK
DGND
REFB
REFBS
AGND
AGND
ANALOG IN
VDDA
REFT
REFTS
VDDA
VDDA
VDDD
PW OR NS PACKAGE
(TOP VIEW)
AVAILABLE OPTIONS
−0
°C to 70°C
SOP (NS)
TA
TLC5540CNSLE
PACKAGE
TSSOP (PW)
TLC5540CPW
−40
°C to 85°C
TLC5540INSLE
TLC5540IPW
description
The TLC5540 is a high-speed, 8-bit analog-to-digital converter (ADC) that converts at sampling rates up to 40
megasamples per second (MSPS). Using a semiflash architecture and CMOS process, the TLC5540 is able
to convert at high speeds while still maintaining low power consumption and cost. The analog input bandwidth
of 75 MHz (typ) makes this device an excellent choice for undersampling applications. Internal resistors are
provided to generate 2-V full-scale reference voltages from a 5-V supply, thereby reducing external
components. The digital outputs can be placed in a high impedance mode. The TLC5540 requires only a single
5-V supply for operation.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 1995-2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.


Similar Part No. - TLC5540INSLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5540INSLE TI-TLC5540INSLE Datasheet
231Kb / 18P
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
TLC5540INSLE TI1-TLC5540INSLE Datasheet
879Kb / 24P
8-Bit Resolution Differential Linearity Error Integral Linearity Error
More results

Similar Description - TLC5540INSLE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8703 PHILIPS-TDA8703 Datasheet
141Kb / 18P
8-bit high-speed analog-to-digital converter
1996 Aug 26
TDA8714 PHILIPS-TDA8714 Datasheet
154Kb / 24P
8-bit high-speed analog-to-digital converter
1997 Oct 29
TDA8716 PHILIPS-TDA8716 Datasheet
167Kb / 21P
8-bit high-speed analog-to-digital converter
1996 Aug 26
TDA8718 PHILIPS-TDA8718 Datasheet
110Kb / 16P
8-bit high-speed analog-to-digital converter
June 1994
TDF8704 PHILIPS-TDF8704 Datasheet
137Kb / 20P
8-bit high-speed analog-to-digital converter
June 1994
logo
Texas Instruments
TLC5540 TI-TLC5540 Datasheet
231Kb / 18P
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
logo
Exar Corporation
MP7684A EXAR-MP7684A Datasheet
1Mb / 14P
CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
MP7683 EXAR-MP7683 Datasheet
645Kb / 10P
CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
XRD8785 EXAR-XRD8785 Datasheet
1Mb / 15P
CMOS 8-Bit High Speed Analog-to-Digital Converter
logo
NXP Semiconductors
TDA8715 PHILIPS-TDA8715 Datasheet
430Kb / 15P
8 - BIT HIGH SPEED ANALOG - TO - DIGITAL CONVERTER
November 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com