Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1570CPWR Datasheet(PDF) 15 Page - Texas Instruments

Part # TLV1570CPWR
Description  2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV1570CPWR Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLV1570CPWR Datasheet HTML 11Page - Texas Instruments TLV1570CPWR Datasheet HTML 12Page - Texas Instruments TLV1570CPWR Datasheet HTML 13Page - Texas Instruments TLV1570CPWR Datasheet HTML 14Page - Texas Instruments TLV1570CPWR Datasheet HTML 15Page - Texas Instruments TLV1570CPWR Datasheet HTML 16Page - Texas Instruments TLV1570CPWR Datasheet HTML 17Page - Texas Instruments TLV1570CPWR Datasheet HTML 18Page - Texas Instruments TLV1570CPWR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
TLV1570
2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS
SERIAL ANALOG-TO-DIGITAL CONVERTER
SLAS169B – DECEMBER 1997– REVISED OCTOBER 2000
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ac specifications (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analog Input
Channel-to-channel crosstalk
–75
dB
BW
Full power bandwidth
–1 dB full-scale input sine wave
12
15
MHz
BW
Full-power bandwidth
–3 dB full-scale input sine wave
25
MHz
BW
Small-signal bandwidth
–1 dB
15
20
MHz
BW
Small-signal bandwidth
–3 dB
35
MHz
f
Sampling rate
AVDD = 5 V
0.0625
1.25
MSPS
fs
Sampling rate
AVDD = 3 V
0.0625
0.625
MSPS
timing requirements†
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t (SCLK) SCLK cycle time
DVDD = 5.5 V to 4.5 V
50
ns
tc(SCLK) SCLK cycle time
DVDD = 3.6 V to 2.7 V
100
tw(1)
Pulse duration, chip select
100
ns
t(s)
Sampling period
6
SLCK
cycles
t(conv)
Conversion period
10
SLCK
cycles
tsu(1)
Setup time, FS to SCLK falling edge in DSP mode
5
ns
th(1)
Hold time, FS to SCLK falling edge in DSP mode
2
ns
tsu(2)
Setup time, FS to CS falling edge in DSP mode
5.5
ns
th(2)
Hold time, FS to CS falling edge in DSP mode
9
ns
td(1)
Delay time, FS falling edge to next SCLK falling edge in DSP mode
6
ns
td(2)
Delay time, SCLK rising edge after CS falling edge in
µC mode
4
ns
td(3)
Delay time, output after SCLK rising edge in
µC mode and DSP
mode
10
20
ns
tsu(3)
Setup time, serial input data to SCLK falling edge
10
ns
th(3)
Hold time, serial input data to SCLK falling edge
4
ns
tr
Rise time
3
200
ns
† Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com