Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1570CPWR Datasheet(PDF) 25 Page - Texas Instruments

Part # TLV1570CPWR
Description  2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV1570CPWR Datasheet(HTML) 25 Page - Texas Instruments

Back Button TLV1570CPWR Datasheet HTML 21Page - Texas Instruments TLV1570CPWR Datasheet HTML 22Page - Texas Instruments TLV1570CPWR Datasheet HTML 23Page - Texas Instruments TLV1570CPWR Datasheet HTML 24Page - Texas Instruments TLV1570CPWR Datasheet HTML 25Page - Texas Instruments TLV1570CPWR Datasheet HTML 26Page - Texas Instruments TLV1570CPWR Datasheet HTML 27Page - Texas Instruments TLV1570CPWR Datasheet HTML 28Page - Texas Instruments TLV1570CPWR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
TLV1570
2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS
SERIAL ANALOG-TO-DIGITAL CONVERTER
SLAS169B – DECEMBER 1997– REVISED OCTOBER 2000
25
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
–80
–120
0
–40
–20
FAST FOURIER TRANSFORM
vs
FREQUENCY
300
600
0
–60
–100
100
200
400
500
AIN = 200 kHz,
SCLK = 20 MHz,
AVDD = DVDD = External REF = 3 V
Frequency – KHz
Figure 29
–80
–120
0
–40
–20
Frequency – KHz
FAST FOURIER TRANSFORM
vs
FREQUENCY
300
600
0
–60
–100
100
200
400
500
AIN = 200 kHz,
SCLK = 20 MHz,
AVDD = DVDD = External REF = 5 V
Figure 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com