Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1570CPWR Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV1570CPWR
Description  2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV1570CPWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV1570CPWR Datasheet HTML 7Page - Texas Instruments TLV1570CPWR Datasheet HTML 8Page - Texas Instruments TLV1570CPWR Datasheet HTML 9Page - Texas Instruments TLV1570CPWR Datasheet HTML 10Page - Texas Instruments TLV1570CPWR Datasheet HTML 11Page - Texas Instruments TLV1570CPWR Datasheet HTML 12Page - Texas Instruments TLV1570CPWR Datasheet HTML 13Page - Texas Instruments TLV1570CPWR Datasheet HTML 14Page - Texas Instruments TLV1570CPWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
TLV1570
2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS
SERIAL ANALOG-TO-DIGITAL CONVERTER
SLAS169B – DECEMBER 1997– REVISED OCTOBER 2000
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage range, AGND to AVDD, DGND to DVDD
– 0.3 V to 6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog input voltage range
– 0.3 V to AVDD+0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference input voltage
AVDD+0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage range
– 0.3 V to DVDD+0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
–40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: TLV1570C
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TLV1570I
–40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
power supplies
MIN
TYP
MAX
UNIT
Analog supply voltage, AVDD (see Note 1)
2.7
5.5
V
Digital supply voltage, DVDD (see Note 1)
2.7
5.5
V
NOTE 1: Abs (AVDD – DVDD) < 0.5 V
analog inputs
MIN
TYP
MAX
UNIT
Analog input voltage, AIN
AGND
VREF
V
Reference input voltage REF
DVDD = 3.3 V to 2.7 V
55% AVDD
AVDD
V
Reference input voltage, REF
DVDD = 5.5 V to 4.5 V
60% AVDD
AVDD
V
digital inputs
MIN
TYP
MAX
UNIT
High-level input voltage, VIH
DVDD = 2.7 V to 5.5 V
2.1
V
Low-level input voltage, VIL
DVDD = 2.7 V to 5.5 V
0.8
V
Input SCLK frequency
DVDD = 5.5 V to 4.5 V
20
MHz
Input SCLK frequency
DVDD = 3.6 V to 2.7 V
1
10
MHz
SCLK pulse duration clock high t (SCLKH)
DVDD = 5.5 V to 4.5 V
23
ns
SCLK pulse duration, clock high, tw(SCLKH)
DVDD = 3.6 V to 2.7 V
46
ns
SCLK pulse duration clock low t (SCLKL)
DVDD = 5.5 V to 4.5 V
23
ns
SCLK pulse duration, clock low, tw(SCLKL)
DVDD = 3.6 V to 2.7 V
46
ns
electrical characteristics,over recommended operating free-air temperature range, supply
voltages, and reference voltages (unless otherwise noted)
digital specifications (SDOUT at 25 pF)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Logic inputs
IIH
High-level input current
DVDD = 5 V,
VI = 5 V
1
µA
IIL
Low-level input current
DVDD = 5 V,
VI = 0 V
–1
µA
CI
Input capacitance
Control inputs
5
15
pF
Logic outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com