Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1570CPWRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV1570CPWRG4
Description  2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV1570CPWRG4 Datasheet(HTML) 2 Page - Texas Instruments

  TLV1570CPWRG4 Datasheet HTML 1Page - Texas Instruments TLV1570CPWRG4 Datasheet HTML 2Page - Texas Instruments TLV1570CPWRG4 Datasheet HTML 3Page - Texas Instruments TLV1570CPWRG4 Datasheet HTML 4Page - Texas Instruments TLV1570CPWRG4 Datasheet HTML 5Page - Texas Instruments TLV1570CPWRG4 Datasheet HTML 6Page - Texas Instruments TLV1570CPWRG4 Datasheet HTML 7Page - Texas Instruments TLV1570CPWRG4 Datasheet HTML 8Page - Texas Instruments TLV1570CPWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
TLV1570
2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS
SERIAL ANALOG-TO-DIGITAL CONVERTER
SLAS169B – DECEMBER 1997– REVISED OCTOBER 2000
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
SCLK
SDIN
CS
SDOUT
FS
MUX
REFERENCE
10-BIT
SAR ADC
I/O REGISTERS
AND CONTROL LOGIC
AVDD
DVDD
AGND
DGND
MO
AIN
REF
AGND
REF+
REF–
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AGND
14
Analog ground
AIN
20
I
ADC analog input
AVDD
15
Analog supply voltage, 2.7 V to 5.5 V
CH0 – CH7
5,4,3,2,1,
18,17,16
I
Analog input channels 0 – 7
CS
12
I
Chip select. A low level signal on CS enables the TLV1570. A high level signal on CS disables the device
and disconnects power to the TLV1570.
DGND
7
Digital ground
DVDD
6
Digital supply voltage, 2.7 V to 5.5 V
FS
8
I
Frame sync. The falling edge of the frame sync pulse from a DSP indicates the start of a serial data frame
shifted out of the TLV1570. FS is pulled high when interfaced to a microcontroller.
MO
19
O
On-chip MUX analog output
REF
13
I
Reference voltage input. The voltage applied to REF defines the input span of the TLV1570. In external
reference mode, a 0.1
µF decoupling capacitor must be placed between the reference and AGND. This is
not required for internal reference mode.
SCLK
9
I
Serial clock input. SCLK synchronizes the serial data transfer and is also used for internal data conversion.
SDIN
10
I
Serial data input used to configure the internal control register.
SDOUT
11
O
Serial data output. A/D conversion results are output at SDOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com