Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1570CPWRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV1570CPWRG4
Description  2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV1570CPWRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV1570CPWRG4 Datasheet HTML 5Page - Texas Instruments TLV1570CPWRG4 Datasheet HTML 6Page - Texas Instruments TLV1570CPWRG4 Datasheet HTML 7Page - Texas Instruments TLV1570CPWRG4 Datasheet HTML 8Page - Texas Instruments TLV1570CPWRG4 Datasheet HTML 9Page - Texas Instruments TLV1570CPWRG4 Datasheet HTML 10Page - Texas Instruments TLV1570CPWRG4 Datasheet HTML 11Page - Texas Instruments TLV1570CPWRG4 Datasheet HTML 12Page - Texas Instruments TLV1570CPWRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
TLV1570
2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS
SERIAL ANALOG-TO-DIGITAL CONVERTER
SLAS169B – DECEMBER 1997– REVISED OCTOBER 2000
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
simplified analog input analysis
Using the equivalent circuit in Figure 6, the time required to charge the analog input capacitance from 0 to VS
within 1/2 LSB, tch(1/2 LSB), can be derived as follows:
The capacitance charging voltage is given by:
Where:
Rt = Rs + Ri
Ri = Ri(ADC) + Ri(MUX)
tch = Charge time
V
C(t) +
V
S
1–e
–t
ch
RtCi
The input impedance Ri is 718 Ω at 5 V, and is higher (~1.25 kΩ) at 2.7 V. The final voltage to 1/2 LSB is given
by:
VC (1/2 LSB) = VS – (VS/2048)
Equating equation 1 to equation 2 and solving for cycle time tc gives:
and time to change to 1/2 LSB (minimum sampling time) is:
tch (1/2 LSB) = Rt × Ci × ln(2048)
V
S *
V
S
2048
+ V
S
1–e
–t
ch
RtCi
Where:
ln(2048) = 7.625
Therefore, with the values given, the time for the analog input signal to settle is:
tch (1/2 LSB) = (Rs + 718 Ω) × 15 pF × ln(2048)
This time must be less than the converter sample time shown in the timing diagrams. Which is 6x SCLK.
tch (1/2 LSB) ≤ 6x 1/f(SCLK)
Therefore the maximum SCLK frequency is:
Max(f(SCLK)) = 6/tch (1/2 LSB) = 6/(ln(2048) × Rt × Ci)
Rs
Ri(MUX)
VS
VC
15 pF
Driving Source†
TLC1570
Ci
VI
VI = Input Voltage at AIN
VS = External Driving Source Voltage
Rs = Source Resistance
Ri(ADC)= Input Resistance of ADC
Ri(MUX)= Input Resistance (MUX on resistance)
Ci = Input Capacitance
VC= Capacitance Charging Voltage
† Driving source requirements:
• Noise and distortion for the source must be equivalent to the resolution of the converter.
• Rs must be real at the input frequency.
Ri(ADC)
MO
AIN
Figure 6. Equivalent Input Circuit Including the Driving Source
(1)
(2)
(3)
(4)
(5)
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com