Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1570CPWRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV1570CPWRG4
Description  2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV1570CPWRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TLV1570CPWRG4 Datasheet HTML 1Page - Texas Instruments TLV1570CPWRG4 Datasheet HTML 2Page - Texas Instruments TLV1570CPWRG4 Datasheet HTML 3Page - Texas Instruments TLV1570CPWRG4 Datasheet HTML 4Page - Texas Instruments TLV1570CPWRG4 Datasheet HTML 5Page - Texas Instruments TLV1570CPWRG4 Datasheet HTML 6Page - Texas Instruments TLV1570CPWRG4 Datasheet HTML 7Page - Texas Instruments TLV1570CPWRG4 Datasheet HTML 8Page - Texas Instruments TLV1570CPWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
TLV1570
2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS
SERIAL ANALOG-TO-DIGITAL CONVERTER
SLAS169B – DECEMBER 1997– REVISED OCTOBER 2000
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
configuration register (CR) definition
BIT
DESCRIPTION
5 V
3 V
Software power down:
X
X
DI15
0:
1:
Normal
Power down enabled
X
X
DI14
Reads out values of the internal register, 1 – read. Only DI15 – DI1 are read out.
X
X
These two bits select the self-test voltage to be applied to the ADC input during next clock cycle:
X
X
00:
Allow AIN to come in normally
DI13, DI12
01:
Apply AGND to AIN
10:
Apply VREF/2 to AIN
11:
N/A
Choose speed application
X
X
DI11
0:
High speed (higher power consumption)
1:
Low speed (lower power consumption)
This bit enables channel auto-scan function.
X
X
DI10
0:
1:
Autoscan disabled
Autoscan enabled
DI9 – DI7 These three bits select which of the eight
channels is to be used (if DI10 = 0).
DI9, DI8 These two bits select the channel swept
sequence used by auto scan mode (if DI10 = 1)
X
X
000:
Channel 0 selected as input
00:
Analog inputs CH0, CH1, CH2,
….., CH7
sequentially selected
001:
Channel 1 selected as input
01:
Analog inputs CH1, CH3, CH5, CH7
sequentially selected
DI9, DI8, DI7
010:
Channel 2 selected as input
10:
Analog inputs CH0, CH2, CH4, CH6
sequentially selected
011:
Channel 3 selected as input
11:
Analog inputs CH7, CH6, CH5,
….., CH0
sequentially selected
100:
Channel 4 selected as input
DI7 Auto-scan reset
101:
Channel 5 selected as input
0:
No reset
110:
Channel 6 selected as input
1:
Reset autoscan sequence
111:
Channel 7 selected as input
Selects Internal or external reference voltage:
X
X
DI6
0:
1:
External
Internal
Selects internal reference voltage value to be applied to the ADC during next conversion cycle.
DI5
0:
2.3 V
X
1:
3.8 V
X
Enables/disables autopower-down function:
X
X
DI4
1:
Enable
0:
Disable
DI3
Performance optimizer – linearity
0: AVDD = 5.5 V to 3.6 V
1: AVDD = 3.5 V to 2.7 V
X
X
DI2
Always write 0 (reserved bit)
X
X
DI1
Always write 0 (reserved bit)
X
X
DI0
Always write 0 (reserved bit)
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com