Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP116 Datasheet(PDF) 19 Page - Texas Instruments

Part # TMP116
Description  TMP116 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP116 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMP116 Datasheet HTML 15Page - Texas Instruments TMP116 Datasheet HTML 16Page - Texas Instruments TMP116 Datasheet HTML 17Page - Texas Instruments TMP116 Datasheet HTML 18Page - Texas Instruments TMP116 Datasheet HTML 19Page - Texas Instruments TMP116 Datasheet HTML 20Page - Texas Instruments TMP116 Datasheet HTML 21Page - Texas Instruments TMP116 Datasheet HTML 22Page - Texas Instruments TMP116 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
I/O
Control
Interface
SCL
SDA
Temperature
Register
Configuration
Register
T
LOW
Register
EEPROM1 to 4
Pointer
Register
T
HIGH
Register
19
TMP116, TMP116N
www.ti.com
SBOS740A – MAY 2017 – REVISED MAY 2019
Product Folder Links: TMP116
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Programming (continued)
7.5.2 Pointer Register
Figure 26 shows the internal register structure of the TMP116. The 8-bit pointer register of the device is used to
address a given data register. The power-up reset value is 00. By default, the TMP116 reads the temperature on
power-up.
Figure 26. Internal Registers Structures
7.5.3 I2C and SMBus Interface
7.5.3.1 Serial Interface
The TMP116 operates as a slave device on the two-wire, SMBus and I2C interface-compatible bus. Connections
to the bus are made through the open-drain I/O lines SDA and SCL pins. The SDA and SCL pins feature
integrated spike-suppression filters and Schmitt triggers to minimize the effects of input spikes and bus noise.
The device supports the transmission protocol for fast (1 kHz to 400 kHz) mode. Register bytes are sent with the
most significant byte first, followed by the least significant byte.
7.5.3.1.1
Bus Overview
The device that initiates the transfer is called a master, and the devices controlled by the master are slaves. The
bus is controlled by a master device that generates the serial clock (SCL), controls the bus access, and
generates the START and STOP conditions.
To address a specific device, a START condition is initiated, indicated by pulling the data line (SDA) from a high-
to low-logic level when the SCL pin is high. All slaves on the bus shift in the slave address byte on the rising
edge of the clock, with the last bit indicating whether a read or write operation is intended. During the ninth clock
pulse, the slave being addressed responds to the master by generating an acknowledge and pulling the SDA pin
low.
A data transfer is then initiated and sent over eight clock pulses followed by an acknowledge bit. During the data
transfer, the SDA pin must remain stable when the SCL pin is high because any change in the SDA pin when the
SCL pin is high is interpreted as a START or STOP signal.
When all data are transferred, the master generates a repeated START or STOP condition. The STOP condition
is indicated by pulling the SDA pin from low to high when the SCL pin is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com