Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP116 Datasheet(PDF) 36 Page - Texas Instruments

Part # TMP116
Description  TMP116 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP116 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TMP116 Datasheet HTML 32Page - Texas Instruments TMP116 Datasheet HTML 33Page - Texas Instruments TMP116 Datasheet HTML 34Page - Texas Instruments TMP116 Datasheet HTML 35Page - Texas Instruments TMP116 Datasheet HTML 36Page - Texas Instruments TMP116 Datasheet HTML 37Page - Texas Instruments TMP116 Datasheet HTML 38Page - Texas Instruments TMP116 Datasheet HTML 39Page - Texas Instruments TMP116 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
TI Device
SCL
SDA
GND
V+
ALERT
ADD0
C
F
100 nF
≥
0.5 kΩ
1.9 V to 5.5 V
Copyright © 2017, Texas Instruments Incorporated
36
TMP116, TMP116N
SBOS740A – MAY 2017 – REVISED MAY 2019
www.ti.com
Product Folder Links: TMP116
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
9 Power Supply Recommendations
The TMP116 operates on a power-supply range from 1.9 V to 5.5 V. The device is trimmed for operation at a
3.3-V supply, but can measure temperature accurately in the full supply range. A power-supply bypass capacitor
is required, which must be placed as close as possible to the device. A recommended value for this supply
bypass capacitor is 100 nF. Applications with noisy or high-impedance power supplies may require additional
decoupling capacitors to reject power-supply noise.
The TMP116 is a very low-power device and generates low noise on the supply bus. Applying an RC filter to the
V+ pin of the device can further reduce any noise that the TMP116 might propagate to other components. RF in
Figure 44 must be less than 0.5 k
Ω and CF must be at least 100 nF. Take care that the V+ pin voltage is not less
than 1.9 V. The package thermal pad is not connected to the device ground and should be left unsoldered for the
best measurement accuracy. If the thermal pad is soldered it must be left floating or connected to ground.
Figure 44. Noise-Reduction Techniques
10 Layout
10.1 Layout Guidelines
NOTE
To achieve a high precision temperature reading for a rigid PCB, do not solder down the
thermal pad. For a flexible PCB, the user can solder the thermal pad to increase board
level reliability. If thermal pad is soldered it should be connected to the ground or left
floating.
For more information on board layout, refer to the related Precise Temperature Measurements With TMP116
(SNOA986) and Wearable Temperature Sensing Layout Considerations Optimized for Thermal Response
(SNIA021) application reports on ti.com.
Place the power-supply bypass capacitor as close as possible to the supply and ground pins. The recommended
value of this bypass capacitor is 0.1 μF. In some cases, the pullup resistor can be the heat source, therefore,
maintain some distance between the resistor and the device.
Mount the TMP116 on the PCB pad to provide the minimum thermal resistance to the measured object surface
or to the surrounding air. The PCB layout should minimize the device self-heating effect, reduce the time delay
as temperature changes, and minimize the temperature offset between the device and the measured object.
1. Soldering the TMP116 thermal pad to the PCB minimizes the thermal resistance to the PCB, reduces the
response time as temperature changes and minimizes the temperature offset between the device and
measured object. Simultaneously the soldering of the thermal pad will, however, introduce mechanical stress
that can be a source of additional measurement error. For cases when system calibration is not planned, TI
recommends not soldering the thermal pad to the PCB. Due to the small thermal mass of the device, not
soldering the thermal pad will have a minimal impact on the described characteristics. Manual device
soldering to PCB creates additional mechanical stress to package, therefore to prevent precision degradation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com