Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP116 Datasheet(PDF) 14 Page - Texas Instruments

Part # TMP116
Description  TMP116 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP116 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMP116 Datasheet HTML 10Page - Texas Instruments TMP116 Datasheet HTML 11Page - Texas Instruments TMP116 Datasheet HTML 12Page - Texas Instruments TMP116 Datasheet HTML 13Page - Texas Instruments TMP116 Datasheet HTML 14Page - Texas Instruments TMP116 Datasheet HTML 15Page - Texas Instruments TMP116 Datasheet HTML 16Page - Texas Instruments TMP116 Datasheet HTML 17Page - Texas Instruments TMP116 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
Shutdown
125 ms
(One-Shot Conversion)
Shutdown
15.5 ms
(One-Shot Conversion)
14
TMP116, TMP116N
SBOS740A – MAY 2017 – REVISED MAY 2019
www.ti.com
Product Folder Links: TMP116
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Device Functional Modes (continued)
7.4.1.5 One-Shot Mode (OS)
When in shutdown mode, a single conversion can be performed by writing 11 to MOD bits in the configuration
register, referred to as a one-shot conversion. After completing a one-shot conversion, the device returns to the
low-power shutdown mode. A one-shot conversion cycle only consists of active conversion time and no standby
period unlike CC mode. Thus, the duration of a one-shot conversion is only affected by the settings in the AVG
bits. Figure 21 shows a timing diagram for this mode with an AVG setting of 00 and Figure 22 shows a timing
diagram for this mode with an AVG setting of 01. At the end of a one-shot conversion, the Data_Ready flag in
the configuration register is set. The Data_Ready flag is cleared by read of the configuration register or
temperature result register. The state of the Data_Ready flag can also be monitored on the ALERT pin by setting
the DR/nAlert_EN bit in the configuration register.
Figure 21. One-Shot Timing Diagram With No Averaging
Figure 22. One-Shot Timing Diagram With 8 Averages
7.4.2 Therm and Alert Modes
The TMP116 can be used to detect if the temperature has crossed a certain temperature limit or if the device is
within a certain temperature range by using the therm or alert functions built into the device. At the end of every
conversion, the TMP116 compares the converted temperature result to the values stored in the low limit register
and high limit register and sets or clears the corresponding status flags in the configuration register, as described
in this section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com