Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP1000ALF Datasheet(PDF) 56 Page - List of Unclassifed Manufacturers

Part # IP1000ALF
Description  Gigabit Ethernet NIC Single Chip
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1000ALF Datasheet(HTML) 56 Page - List of Unclassifed Manufacturers

Back Button IP1000ALF Datasheet HTML 52Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 53Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 54Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 55Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 56Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 57Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 58Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 59Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 60Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 75 page
background image
IP1000A LF
Preliminary Data Sheet
56/75
July 5, 2005
Copyright © 2005, IC Plus Corp.
IP1000A LF-DS-R08
3.2.2.16 MemBaseAddress
Class............................. PCI Configuration Registers
I/O Base Address ......... PCI device configuration header start
Address Offset .............. 0x14
Default Value ................ 0x00000000
Access Rule.................. Double Word
Width ............................ 32 bits
MemBaseAddress can be disabled via loading of the ConfigParm field from an EEPROM during
auto-iniTialization of the IP1000A LF. When AsicCtrlRegister ForcedConfig[0] is 1, the IP1000A LF is in
ForcedConfig Mode. In this mode, the MemBase Address is loaded from EEPROM at offset 04’h(Upper
Bytes), 05’h, the same as IO BaseAddress.
Bit
BIT Name
BIT Description
Type
HW
Reset
SW
Reset
0
MemBaseAddrInd Memory
Base
Address
Indicator.
When
MemBaseAddrInd is a logic 1, MemBaseAddress
contains the valid memory base address.
R/W
2..1
MemMapType
Memory Map Type. MemMapType defines how the
host system maps the IP1000A LF’s registers within
the
host
system
memory
space.
Bit
2
of
MemMapType is always a logic 0, while bit 1 is
loaded from the Lower1Meg bit of the ConfigParm
field within an EEPROM during auto initialization of
the IP1000A LF.
BIT 2
BIT 1
REGISTER MAPPING
0
0
Anywhere
within
a
32
bit
address space
0
1
Lower 1 megabyte of 32 bit
address space
1
x
Undefined
7..3
Reserved
Reserved for future use. Write as zero, ignore on read.
N/A
31..8
MemBaseAddress Memory Base Address. MemBaseAddress contains
the 24 bit memory base address value. With 24 bits,
the IP1000A LF uses 256 bytes of I/O space.
R/W
3.2.2.17 MinGnt
Class............................. PCI Configuration Registers
I/O Base Address ......... PCI device configuration header start
Address Offset .............. 0x3E
Default Value ................ 0x50
Access Rule.................. Byte
Width ............................ 8 bits
Bit
BIT Name
BIT Description
Type
HW
Reset
SW
Reset
7..0
MinGnt
Minimum Grant Time. MinGnt specifies, in 250 ns
increments, how long a burst period the IP1000A
LF requires when operating as a bus master. Bits
7 through 4 of the MinGnt value are loaded from
the ConfigParm field within an EEPROM during
auto initialization of the IP1000A LF.
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com