Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP1000ALF Datasheet(PDF) 59 Page - List of Unclassifed Manufacturers

Part # IP1000ALF
Description  Gigabit Ethernet NIC Single Chip
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1000ALF Datasheet(HTML) 59 Page - List of Unclassifed Manufacturers

Back Button IP1000ALF Datasheet HTML 55Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 56Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 57Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 58Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 59Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 60Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 61Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 62Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 63Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 75 page
background image
IP1000A LF
Preliminary Data Sheet
59/75
July 5, 2005
Copyright © 2005, IC Plus Corp.
IP1000A LF-DS-R08
Bit
BIT Name
BIT Description
Type
HW
Reset
SW
Reset
12..9
Data_Select
Data Select is used to select which data is to be
reported
through
the
Data
register
and
Data_Scale field.
R/W
14..13 Data_Scale
Data Scale Only indicates the scaling factor to be
used when interpreting the value of the Data
register. The interpretation of the scale values is
defined as follows:
DATA_SCALE
SCALE FACTOR
0x0
Unknown
0x1
0.1
0x2
0.01
0x3
0.001
R
15
PmeStatus
Power
Management
Event
Status.
When
PmeStatus is a logic 1 a wake event has occurred.
PmeStatus may be a logic 1 regardless of the
value of PmeEn. Writing a logic 1 to PmeStatus
will set PmeStatus to a logic 0. Writing a logic 0 to
PmeStatus has no effect.
R/W
3.2.2.22 RevisionId
Class............................. PCI Configuration Registers
I/O Base Address ......... PCI device configuration header start
Address Offset .............. 0x08
Default Value ................ Depends on revision of actual device. See description below.
Access Rule.................. Byte
Width ............................ 8 bits
Bit
BIT Name
BIT Description
Type
HW
Reset
SW
Reset
7..0
RevisionId
Revision ID= 41. RevisionId contains a revision
code for the IP1000A LF.
R
3.2.2.23 SubsystemId
Class............................. PCI Configuration Registers
I/O Base Address ......... PCI device configuration header start
Address Offset .............. 0x2E
Default Value ................ 0x0000
Access Rule.................. Byte
Width ............................ 16 bits
Bit
BIT Name
BIT Description
Type
HW
Reset
SW
Reset
15..0
SubsystemId
Subsystem ID. SubsystemId contains the value
loaded from the ConfigParm field within an
EEPROM during auto initialization of the IP1000A
LF.
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com