Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP1000ALF Datasheet(PDF) 57 Page - List of Unclassifed Manufacturers

Part # IP1000ALF
Description  Gigabit Ethernet NIC Single Chip
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1000ALF Datasheet(HTML) 57 Page - List of Unclassifed Manufacturers

Back Button IP1000ALF Datasheet HTML 53Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 54Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 55Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 56Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 57Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 58Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 59Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 60Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 61Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 75 page
background image
IP1000A LF
Preliminary Data Sheet
57/75
July 5, 2005
Copyright © 2005, IC Plus Corp.
IP1000A LF-DS-R08
3.2.2.18 NextItemPtr0
Class............................. PCI Configuration Registers
I/O Base Address ......... PCI device configuration header start
Address Offset .............. 0x51
Default Value ................ 0x60
Access Rule.................. Byte
Width ............................ 8 bits
Bit
BIT Name
BIT Description
Type
HW
Reset
SW
Reset
7..0
NextItemPtr
Next Item Pointer. NextItemPtr indicates the next
capability data structure in the capabilities list.
When NextItemPtr is set to the value 0x00, there
are no further data structures.
R
3.2.2.19 NextItemPtr1
Class............................. PCI Configuration Registers
I/O Base Address ......... PCI device configuration header start
Address Offset .............. 0x61
Default Value ................ 0x00
Access Rule.................. Byte
Width ............................ 8 bits
Bit
BIT Name
BIT Description
Type
HW
Reset
SW
Reset
7..0
NextItemPtr
Next Item Pointer. NextItemPtr indicates the next
capability data structure in the capabilities list.
When NextItemPtr is set to the value 0x00, there
are no further data structures.
R
3.2.2.20 PowerMgmtCap
Class............................. PCI Configuration Registers
I/O Base Address ......... PCI device configuration header start
Address Offset .............. 0x52
Default Value ................ 0x7602
Access Rule.................. Word
Width ............................ 16 bits
Bit
BIT Name
BIT Description
Type
HW
Reset
SW
Reset
2..0
Version
Version. Version is set to 0x2, indicating PCI Bus
Power Management Specification Revision 1.1.
R
8..3
Reserved
Reserved for future use. Write as zero, ignore on read.
N/A
9
D1Support
D1 Power State Support. When D1Support is a
logic 1, the IP1000A LF supports the D1 power
state (see section 2.2.5.1).
D1Support is loaded from the ConfigParm field of an
EEPROM during auto initialization of the IP1000A
LF.
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com