Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC08060 Datasheet(PDF) 29 Page - Texas Instruments

Part # ADC08060
Description  ADC08060 8-Bit, 20 MSPS to 60 MSPS, 1.3 m W/MSPS A/D Converter with Internal Sampleand- Hold
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC08060 Datasheet(HTML) 29 Page - Texas Instruments

Back Button ADC08060 Datasheet HTML 24Page - Texas Instruments ADC08060 Datasheet HTML 25Page - Texas Instruments ADC08060 Datasheet HTML 26Page - Texas Instruments ADC08060 Datasheet HTML 27Page - Texas Instruments ADC08060 Datasheet HTML 28Page - Texas Instruments ADC08060 Datasheet HTML 29Page - Texas Instruments ADC08060 Datasheet HTML 30Page - Texas Instruments ADC08060 Datasheet HTML 31Page - Texas Instruments ADC08060 Datasheet HTML 32Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
www.ti.com
PACKAGE OUTLINE
C
22X 0.65
2X
7.15
24X
0.30
0.19
TYP
6.6
6.2
1.2 MAX
0.15
0.05
0.25
GAGE PLANE
-8
0
B
NOTE 4
4.5
4.3
A
NOTE 3
7.9
7.7
0.75
0.50
(0.15) TYP
TSSOP - 1.2 mm max height
PW0024A
SMALL OUTLINE PACKAGE
4220208/A 02/2017
1
12
13
24
0.1
C A B
PIN 1 INDEX AREA
SEE DETAIL A
0.1 C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. This dimension does not include interlead flash. Interlead flash shall not exceed 0.25 mm per side.
5. Reference JEDEC registration MO-153.
SEATING
PLANE
A 20
DETAIL A
TYPICAL
SCALE 2.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com