Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC08060 Datasheet(PDF) 14 Page - Texas Instruments

Part # ADC08060
Description  ADC08060 8-Bit, 20 MSPS to 60 MSPS, 1.3 m W/MSPS A/D Converter with Internal Sampleand- Hold
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC08060 Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADC08060 Datasheet HTML 10Page - Texas Instruments ADC08060 Datasheet HTML 11Page - Texas Instruments ADC08060 Datasheet HTML 12Page - Texas Instruments ADC08060 Datasheet HTML 13Page - Texas Instruments ADC08060 Datasheet HTML 14Page - Texas Instruments ADC08060 Datasheet HTML 15Page - Texas Instruments ADC08060 Datasheet HTML 16Page - Texas Instruments ADC08060 Datasheet HTML 17Page - Texas Instruments ADC08060 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
ADC08060
SNAS120H – OCTOBER 2000 – REVISED MARCH 2013
www.ti.com
SIGNAL TO NOISE PLUS DISTORTION (S/(N+D) or SINAD) is the ratio, expressed in dB, of the rms value of
the input signal frequency at the output to the rms value of all of the other spectral components below half the
clock frequency, including harmonics but excluding d.c.
SPURIOUS FREE DYNAMIC RANGE (SFDR) is the difference, expressed in dB, between the rms values of the
input signal frequency at the output and the peak spurious signal, where a spurious signal is any signal present
in the output spectrum that is not present at the input.
TOTAL HARMONIC DISTORTION (THD) is the ratio, expressed in dB, of the total of the first nine harmonic
levels at the output to the level of the fundamental at the output. THD is calculated as
where
•
f1 is the RMS power of the fundamental (input) frequency
•
f2 through f10 is the power in the first 9 harmonics in the output spectrum
(3)
ZERO SCALE OFFSET ERROR is the error in the input voltage required to cause the first code transition. It is
defined as
VOFF = VZT − VRB
where
•
VZT is the first code transition input voltage
(4)
Timing Diagram
Figure 29. ADC08060 Timing Diagram
14
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: ADC08060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com