Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC08060 Datasheet(PDF) 12 Page - Texas Instruments

Part # ADC08060
Description  ADC08060 8-Bit, 20 MSPS to 60 MSPS, 1.3 m W/MSPS A/D Converter with Internal Sampleand- Hold
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC08060 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADC08060 Datasheet HTML 8Page - Texas Instruments ADC08060 Datasheet HTML 9Page - Texas Instruments ADC08060 Datasheet HTML 10Page - Texas Instruments ADC08060 Datasheet HTML 11Page - Texas Instruments ADC08060 Datasheet HTML 12Page - Texas Instruments ADC08060 Datasheet HTML 13Page - Texas Instruments ADC08060 Datasheet HTML 14Page - Texas Instruments ADC08060 Datasheet HTML 15Page - Texas Instruments ADC08060 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
ADC08060
SNAS120H – OCTOBER 2000 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
VA = DR VD = 3V, fCLK = 60 MHz, fIN = 10 MHz, unless otherwise stated
Spectral Response @ fIN = 10.1 MHz
Spectral Response @ fIN = 25 MHz
Figure 26.
Figure 27.
Intermodulation Distortion (IMD)
Figure 28.
12
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: ADC08060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com