Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC121S705 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADC121S705
Description  ADC121S705 12-Bit, 500 kSPS to 1 MSPS, Differential Input, Micro Power A/D Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC121S705 Datasheet(HTML) 2 Page - Texas Instruments

  ADC121S705 Datasheet HTML 1Page - Texas Instruments ADC121S705 Datasheet HTML 2Page - Texas Instruments ADC121S705 Datasheet HTML 3Page - Texas Instruments ADC121S705 Datasheet HTML 4Page - Texas Instruments ADC121S705 Datasheet HTML 5Page - Texas Instruments ADC121S705 Datasheet HTML 6Page - Texas Instruments ADC121S705 Datasheet HTML 7Page - Texas Instruments ADC121S705 Datasheet HTML 8Page - Texas Instruments ADC121S705 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
SAR
CONTROL
SERIAL
INTERFACE
COMPARATOR
S/H
CDAC
+IN
-IN
VREF
ADC121S705
SNAS355B – DECEMBER 2006 – REVISED MARCH 2013
www.ti.com
Block Diagram
PIN DESCRIPTIONS
Pin No.
Symbol
Description
Voltage Reference Input. A voltage reference between 1V and VA must be applied to this
input. VREF must be decoupled to GND with a minimum ceramic capacitor value of 0.1 µF.
1
VREF
A bulk capacitor value of 1.0 µF to 10 µF in parallel with the 0.1 µF is recommended for
enhanced performance.
Non-Inverting Input. +IN is the positive analog input for the differential signal applied to the
2
+IN
ADC121S705.
Inverting Input.
−IN is the negative analog input for the differential signal applied to the
3
−IN
ADC121S705.
4
GND
Ground. GND is the ground reference point for all signals applied to the ADC121S705.
Chip Select Bar. CS is active low. The ADC121S705 is in Normal Mode when CS is LOW
5
CS
and Power-Down Mode when CS is HIGH. A conversion begins on the fall of CS.
Serial Data Output. The conversion result is provided on DOUT. The serial data output word
6
DOUT
is comprised of 4 null bits and 12 data bits (MSB first). During a conversion, the data is
outputted on the falling edges of SCLK and is valid on the rising edges.
7
SCLK
Serial Clock. SCLK is used to control data transfer and serves as the conversion clock.
Power Supply input. A voltage source between 4.5V and 5.5V must be applied to this input.
8
VA
VA must be decoupled to GND with a ceramic capacitor value of 0.1 µF in parallel with a
bulk capacitor value of 1.0 µF to 10 µF.
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: ADC121S705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com