Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC121S705 Datasheet(PDF) 21 Page - Texas Instruments

Part # ADC121S705
Description  ADC121S705 12-Bit, 500 kSPS to 1 MSPS, Differential Input, Micro Power A/D Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC121S705 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADC121S705 Datasheet HTML 17Page - Texas Instruments ADC121S705 Datasheet HTML 18Page - Texas Instruments ADC121S705 Datasheet HTML 19Page - Texas Instruments ADC121S705 Datasheet HTML 20Page - Texas Instruments ADC121S705 Datasheet HTML 21Page - Texas Instruments ADC121S705 Datasheet HTML 22Page - Texas Instruments ADC121S705 Datasheet HTML 23Page - Texas Instruments ADC121S705 Datasheet HTML 24Page - Texas Instruments ADC121S705 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
ADC121S705
www.ti.com
SNAS355B – DECEMBER 2006 – REVISED MARCH 2013
APPLICATIONS INFORMATION
OPERATING CONDITIONS
We recommend that the following conditions be observed for operation of the ADC121S705:
−40°C ≤ TA ≤ +105°C
+4.5V
≤ VA ≤ +5.5V
1V
≤ VREF ≤ VA
8 MHz
≤ fCLK ≤ 16 MHz
VCM: See Input Common Mode Voltage
POWER CONSUMPTION
The architecture, design, and fabrication process allow the ADC121S705 to operate at conversion rates up to 1
MSPS while consuming very little power. The ADC121S705 consumes the least amount of power while operating
in power down mode. For applications where power consumption is critical, the ADC121S705 should be
operated in power down mode as often as the application will tolerate. To further reduce power consumption,
stop the SCLK while CS is high.
Short Cycling
Another way of saving power is to short cycle the conversion process. This is done by pulling CS high after the
last required bit is received from the ADC121S705 output. This is possible because the ADC121S705 places the
latest converted data bit on DOUT as it is generated. If only 8-bits of the conversion result are needed, for
example, the conversion can be terminated by pulling CS high after the 8th bit has been clocked out. Halting the
conversion after the last needed bit is outputted is called short cycling.
Short cycling can be used to lower the power consumption in those applications that do not need a full 12-bit
resolution, or where an analog signal is being monitored until some condition occurs. For example, it may not be
necessary to use the full 12-bit resolution of the ADC121S705 as long as the signal being monitored is within
certain limits. In some circumstances, the conversion could be terminated after the first few bits. This will lower
power consumption in the converter since the ADC121S705 spends more time in power down mode and less
time in the conversion mode.
Burst Mode Operation
Normal operation of the ADC121S705 requires the SCLK frequency to be sixteen times the sample rate and the
CS rate to be the same as the sample rate. However, in order to minimize power consumption in applications
requiring sample rates below 500 kSPS, the ADC121S705 should be run with an SCLK frequency of 16 MHz and
a CS rate as slow as the system requires. When this is accomplished, the ADC121S705 is operating in burst
mode. The ADC121S705 enters into power down mode at the end of each conversion, minimizing power
consumption. This causes the converter to spend the longest possible time in power down mode. Since power
consumption scales directly with conversion rate, minimizing power consumption requires determining the lowest
conversion rate that will satisfy the requirements of the system.
TIMING CONSIDERATIONS
Proper operation requires that the fall of CS not occur simultaneously with a rising edge of SCLK. If the fall of CS
occurs during the rising edge of SCLK, the data might be clocked out one bit early. Whether or not the data is
clocked out early depends upon how close the CS transition is to the SCLK transition, the device temperature,
and characteristics of the individual device. To ensure that the data is always clocked out at a given time (the 5th
falling edge of SCLK), it is essential that the fall of CS always meet the timing requirement specified in the
Timing Specifications.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ADC121S705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com