Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC121S705 Datasheet(PDF) 13 Page - Texas Instruments

Part # ADC121S705
Description  ADC121S705 12-Bit, 500 kSPS to 1 MSPS, Differential Input, Micro Power A/D Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC121S705 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC121S705 Datasheet HTML 9Page - Texas Instruments ADC121S705 Datasheet HTML 10Page - Texas Instruments ADC121S705 Datasheet HTML 11Page - Texas Instruments ADC121S705 Datasheet HTML 12Page - Texas Instruments ADC121S705 Datasheet HTML 13Page - Texas Instruments ADC121S705 Datasheet HTML 14Page - Texas Instruments ADC121S705 Datasheet HTML 15Page - Texas Instruments ADC121S705 Datasheet HTML 16Page - Texas Instruments ADC121S705 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
ADC121S705
www.ti.com
SNAS355B – DECEMBER 2006 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
VA = 5.0V, VREF = 2.5V, TA = +25°C, fSAMPLE = 1 MSPS, fSCLK = 16 MHz, fIN = 100 kHz unless otherwise stated.
SINAD vs. VA
SFDR vs. VA
Figure 32.
Figure 33.
SNR vs. VREF
THD vs. VREF
Figure 34.
Figure 35.
SINAD vs. VREF
SFDR vs. VREF
Figure 36.
Figure 37.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADC121S705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com