Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8348 Datasheet(PDF) 24 Page - Analog Devices

Part # AD8348
Description  400 MHz to 6 GHz Broadband Quadrature Modulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8348 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8348 Datasheet HTML 20Page - Analog Devices AD8348 Datasheet HTML 21Page - Analog Devices AD8348 Datasheet HTML 22Page - Analog Devices AD8348 Datasheet HTML 23Page - Analog Devices AD8348 Datasheet HTML 24Page - Analog Devices AD8348 Datasheet HTML 25Page - Analog Devices AD8348 Datasheet HTML 26Page - Analog Devices AD8348 Datasheet HTML 27Page - Analog Devices AD8348 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
ADL5375
Rev. 0 | Page 24 of 32
RBIP
50Ω
RBIN
50Ω
93
92
21
22
IBBN
IBBP
AD9779
ADL5375-05
RBQN
50Ω
RBQP
50Ω
84
83
9
10
RSLI
100Ω
RSLQ
100Ω
OUT1_N
OUT1_P
OUT2_P
OUT2_N
QBBP
QBBN
LPI
771.1nH
LNI
771.1nH
53.62nF
C1I
350.1pF
C2I
LNQ
771.1nH
LPQ
771.1nH
53.62nF
C1Q
350.1pF
C2Q
Figure 60. DAC Modulator Interface with
10 MHz Third-Order, Bessel Filter
1
10
100
–60
–50
–40
–30
–20
–10
0
0
6
12
18
24
30
36
FREQUENCY (MHz)
MAGNITUDE
GROUP DELAY
Figure 61. Frequency Response for DAC Modulator Interface with
10 MHz Third-Orde,r Bessel Filter
Driving the ADL5375-15 with a TXDAC
The ADL5375-15 requires a 1500 mV dc bias and therefore
requires a slightly more complex interface that performs a dc
level shift on the baseband signals. It is necessary to level-shift
the DAC output from a 500 mV dc bias to the 1500 mV dc bias
that the ADL5375-15 requires.
Level-shifting can be achieved with either a passive network
or an active circuit. A passive network of resistors is shown
in Figure 62. In this network, the dc bias of the DAC remains
at 500 mV while the input to the ADL5375-15 is 1500 mV.
It should be noted that this passive level-shifting network
introduces approximately 2 dB of loss in the ac signal.
RBIP
45.3Ω
RBIN
45.3Ω
93
92
21
22
OUT1_N
OUT1_P
IBBN
IBBP
5V
AD9779
ADL5375-15
RLIP
3480Ω
RLIN
3480Ω
RBQN
45.3Ω
RSQP
1kΩ
RBQP
45.3Ω
84
83
9
10
OUT2_P
OUT2_N
QBBP
QBBN
5V
RLQN
3480Ω
RLQP
3480Ω
RSQN
1kΩ
RSIP
1kΩ
RSIN
1kΩ
Figure 62. Passive Level-Shifting Network For Biasing ADL5375-15
from TxDAC
The active level shifting circuit involves the use of the ADA4938
dual-differential amplifier. This device has a VOCM pin that
sets the output dc bias. Through this pin, the output common-
mode of the amplifier can be easily set to the requisite 1.5 V for
biasing the ADL5375-15 baseband inputs.
USING THE AD9779 AUXILIARY DAC FOR CARRIER
FEEDTHROUGH NULLING
The AD9779 features an auxiliary DAC that can be used to
inject small currents into the differential outputs for each
main DAC channel. This feature can be used to produce the
small offset voltages necessary to null out the carrier feed-
through from the modulator. Figure 63 shows the interface
required to use the auxiliary DACs, which adds four resistors
to the interface.
RBIP
50Ω
RBIN
50Ω
93
90
92
21
22
IBBN
IBBP
AD9779
ADL5375-05
RBQN
50Ω
RBQP
50Ω
84
87
89
83
86
9
10
RSLI
100Ω
RSLQ
100Ω
OUT1_N
AUX1_N
AUX2_N
OUT1_P
AUX1_P
OUT2_P
AUX2_P
OUT2_N
QBBP
QBBN
LPI
771.1nH
LNI
771.1nH
53.62nF
C1I
350.1pF
C2I
LNQ
771.1nH
LPQ
771.1nH
53.62nF
C1Q
350.1pF
C2Q
250Ω
500Ω
500Ω
500Ω
500Ω
250Ω
250Ω
250Ω
Figure 63. DAC Modulator Interface with Auxiliary DAC Resistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com