Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8348 Datasheet(PDF) 28 Page - Analog Devices

Part # AD8348
Description  400 MHz to 6 GHz Broadband Quadrature Modulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8348 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD8348 Datasheet HTML 24Page - Analog Devices AD8348 Datasheet HTML 25Page - Analog Devices AD8348 Datasheet HTML 26Page - Analog Devices AD8348 Datasheet HTML 27Page - Analog Devices AD8348 Datasheet HTML 28Page - Analog Devices AD8348 Datasheet HTML 29Page - Analog Devices AD8348 Datasheet HTML 30Page - Analog Devices AD8348 Datasheet HTML 31Page - Analog Devices AD8348 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
ADL5375
Rev. 0 | Page 28 of 32
Figure 71. Evaluation Board Layout, Top Layer
Figure 72. Evaluation Board Layout, Bottom Layer
THERMAL GROUNDING AND EVALUATION
BOARD LAYOUT
The package for the ADL5375 features an exposed paddle on
the underside that should be well soldered to a low thermal
and electrical impedance ground plane. This paddle is typically
soldered to an exposed opening in the solder mask on the
evaluation board. Figure 73 illustrates the dimensions used
in the layout of the ADL5735 footprint on the ADL5375
evaluation board (1 mil. = 0.0254 mm).
Notice the use of nine via holes on the exposed paddle. These
ground vias should be connected to all other ground layers on
the evaluation board to maximize heat dissipation from the
device package.
82 mil.
12 mil.
12 mil.
23 mil.
133.8 mil.
98.4 mil.
19.7 mil.
25 mil.
Figure 73. Dimensions for Evaluation Board Layout for the ADL5375 Package
Under these conditions, the thermal impedance of the ADL5375
was measured to be approximately 30°C/W in still air.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com