Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8348 Datasheet(PDF) 29 Page - Analog Devices

Part # AD8348
Description  400 MHz to 6 GHz Broadband Quadrature Modulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8348 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD8348 Datasheet HTML 24Page - Analog Devices AD8348 Datasheet HTML 25Page - Analog Devices AD8348 Datasheet HTML 26Page - Analog Devices AD8348 Datasheet HTML 27Page - Analog Devices AD8348 Datasheet HTML 28Page - Analog Devices AD8348 Datasheet HTML 29Page - Analog Devices AD8348 Datasheet HTML 30Page - Analog Devices AD8348 Datasheet HTML 31Page - Analog Devices AD8348 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
ADL5375
Rev. 0 | Page 29 of 32
CHARACTERIZATION SETUP
F-MOD TEST SETUP
IP
IN
QP
QN
OUT
GND
VPOS
F-MOD
LO
I OUT
Q OUT
VPOS +5V
LO
OUTPUT
90°
0°
IQ
ROHDE & SCHWARTZ
SPECTRUM ANALYZER
FSU 20Hz TO 8GHz
I/AM
Q/FM
AGILENT 34401A
MULTIMETER
0.175 ADC
AGILENT E3631A
POWER SUPPLY
5.000
0.175A
COM
6V
±25V
+
–
+
–
AEROFLEX
IFR 3416
250kHz TO 6GHz SIGNAL GENERATOR
RF
OUT
FREQ 4MHz
LEVEL 0dBm
BIAS 0.5V
BIAS 0.5V
GAIN 0.7V
GAIN 0.7V
CONNECT TO BACK OF UNIT
+6dBm
RF
IN
Figure 74. Characterization Bench Setup
The primary setup used to characterize the ADL5375 is shown
in Figure 74. This setup was used to evaluate the product as a
single-sideband modulator. The Aeroflex signal generator supplied
the LO and differential I and Q baseband signals to the device
under test (DUT). The typical LO drive was 0 dBm. The I-channel
is driven by a sine wave, and the Q-channel is driven by a cosine
wave. The lower sideband is the single-sideband (SSB) output.
The majority of characterization for the ADL5375 was performed
using a 1 MHz sine wave signal with a 500 mV (ADL5375-05)
or 1500 mV (ADL5375-15) common-mode voltage applied to
the baseband signals of the DUT. The baseband signal path was
calibrated to ensure that the VIOS and VQOS offsets on the
baseband inputs were minimized as close as possible to 0 V
before connecting to the DUT. See the Carrier Feedthrough
Nulling section for the definitions of VIOS and VQOS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com